Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-D11YW Datasheet(PDF) 1 Page - Rohm

Part # SML-D11YW
Description  Original device technology enables high brightness
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D11YW Datasheet(HTML) 1 Page - Rohm

  SML-D11YW Datasheet HTML 1Page - Rohm SML-D11YW Datasheet HTML 2Page - Rohm SML-D11YW Datasheet HTML 3Page - Rohm SML-D11YW Datasheet HTML 4Page - Rohm SML-D11YW Datasheet HTML 5Page - Rohm SML-D11YW Datasheet HTML 6Page - Rohm SML-D11YW Datasheet HTML 7Page - Rohm SML-D11YW Datasheet HTML 8Page - Rohm SML-D11YW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SML-D11YW
Data Sheet
■Features
■Outline
•Original device technology enables high brightness
and high reliability
• Low 2mA operating current.
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(μA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
1.85
2
10
5
585
588
591
2
1.6
4
2
IFP(mA) VR(V)
Reverse
Operating Temp.
Storage Temp.
Emitting
Color
*1 : Duty 1/10, 1kHz *2 : Measurement tolerance: ±1nm
Current
Topr(ºC)
Tstg(ºC)
SML-D11YW
Dissipation
Current
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward Peak Forward
Forward Voltage VF Reverse Current IR
Dominant Wavelength λD Luminous Intensity IV
Voltage
PD(mW) IF(mA)
AlGaInP
Yellow
67
25
100*
1
5
-40 ~ +85 -40 ~ +100
Tolerance : ±0.1
(unit : mm)
(unit : mm)
1608 (0603)
1.6×0.8mm (t=0.55mm)
Y
Color
Type
0.8
0.85
0.8
0.8
PCB Bonding Direction
1.6
1.2
0.8
Cathode index
1.5
R0.275
R0.15
Electrode
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/9
2017.8 - Rev.005


Similar Part No. - SML-D11YW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D12D1W ROHM-SML-D12D1W Datasheet
422Kb / 11P
   IV rank reduction products
SML-D12D8W ROHM-SML-D12D8W Datasheet
112Kb / 3P
   Standard Type
SML-D12D8W ROHM-SML-D12D8W Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D12D8W ROHM-SML-D12D8W Datasheet
1Mb / 4P
   SML-D1 Series EXCELED
More results

Similar Description - SML-D11YW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com