Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-A12UT Datasheet(PDF) 6 Page - Rohm

Part # SML-A12UT
Description  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12UT Datasheet(HTML) 6 Page - Rohm

Back Button SML-A12UT Datasheet HTML 2Page - Rohm SML-A12UT Datasheet HTML 3Page - Rohm SML-A12UT Datasheet HTML 4Page - Rohm SML-A12UT Datasheet HTML 5Page - Rohm SML-A12UT Datasheet HTML 6Page - Rohm SML-A12UT Datasheet HTML 7Page - Rohm SML-A12UT Datasheet HTML 8Page - Rohm SML-A12UT Datasheet HTML 9Page - Rohm SML-A12UT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
■Chromaticity Diagram
[SML-A1x series]
0.2
0.3
0.4
0.2
0.3
0.4
CIE x
A
F
H
K
Red(V,U)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10 10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600
Orange(D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10 10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600
Yellow(Y, W)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10 10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600
Yellowish Green/Green(M,P)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10 10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600
Green(E)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9〜1.4 1.4〜2.2 2.2〜3.6 3.6〜5.6
5.6〜9
9〜14 14〜22 22〜36 36〜56 56〜90 90〜140 140〜220 220〜360 360〜560 560〜900
Blue(B)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9〜1.4 1.4〜2.2 2.2〜3.6 3.6〜5.6
5.6〜9
9〜14 14〜22 22〜36 36〜56 56〜90 90〜140 140〜220 220〜360 360〜560 560〜900
White(WB)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9〜1.4 1.4〜2.2 2.2〜3.6 3.6〜5.6
5.6〜9
9〜14 14〜22 22〜36 36〜56 56〜90 90〜140 140〜220 220〜360 360〜560 560〜900
SML-A12WT(J)
SML-A12MT(J)
SML-A12M8T
SML-A12P8T
SMLA13BC8T
Iv (mcd)
SMLA12EC6T
Rank
Iv (mcd)
Rank
Rank
Iv (mcd)
Rank
Iv (mcd)
Iv (mcd)
SML-A12D8T
SML-A12Y8T
SML-A12V8T
SML-A12U8T
SML-A12UT(J)
SML-A12DT(J)
Rank
Rank
Iv (mcd)
Iv (mcd)
SMLA12WBC7W
Rank
C
(Ta=25℃、If=5mA)
x
y
x
y
x
y
x
y
x
y
0.280
0.248
0.283
0.305
0.287
0.295
0.304
0.330
0.330
0.318
0.296
0.276
0.304
0.330
0.307
0.315
0.330
0.360
0.356
0.351
0.283
0.305
0.307
0.315
0.311
0.294
0.330
0.318
0.361
0.385
0.264
0.267
0.287
0.295
0.296
0.276
0.311
0.294
0.330
0.360
Measurement tolerance:±0.02
A
F
H
C
K
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
6/11
2017.7 - Rev.007


Similar Part No. - SML-A12UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12UT ROHM-SML-A12UT Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12UT ROHM-SML-A12UT Datasheet
1Mb / 4P
   Side-view type
SML-A12UT ROHM-SML-A12UT Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12UT ROHM-SML-A12UT Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12UT ROHM-SML-A12UT Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
More results

Similar Description - SML-A12UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com