Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-D14VW Datasheet(PDF) 2 Page - Rohm

Part # SML-D14VW
Description  Original device technology enables high brightness
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D14VW Datasheet(HTML) 2 Page - Rohm

  SML-D14VW Datasheet HTML 1Page - Rohm SML-D14VW Datasheet HTML 2Page - Rohm SML-D14VW Datasheet HTML 3Page - Rohm SML-D14VW Datasheet HTML 4Page - Rohm SML-D14VW Datasheet HTML 5Page - Rohm SML-D14VW Datasheet HTML 6Page - Rohm SML-D14VW Datasheet HTML 7Page - Rohm SML-D14VW Datasheet HTML 8Page - Rohm SML-D14VW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
    Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
Reference
[SML-D14x(C) series]
0
10
20
30
40
-40
-20
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20406080
100
0.1
1.0
10.0
100.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Ta=25ºC
FORWARD VOLTAGE : VF [V]
IF=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SML-D14VW(C)
SML-D14U2W(C)
SML-D14DW(C)
SML-D14YW(C)
SML-D14WW(C)
SML-D14MW(C)
SML-D14VW(C)
SML-D14U2W(c)
SML-D14DW(C)
SML-D14YW(C)
SML-D14WW(C)
SML-D14MW(C)
SML-D14VW(C)
SML-D14U2W(C)
SML-D14DW(C)
SML-D14YW(C)
SML-D14WW(C)
SML-D14MW(C)
SML-D14VW(C)
SML-D14U2W(C)
SML-D14DW(C)
SML-D14YW(C)
SML-D14WW(C)
SML-D14MW(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/9
2017.8 - Rev.005


Similar Part No. - SML-D14VW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D14VWA ROHM-SML-D14VWA Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
More results

Similar Description - SML-D14VW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com