Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-A12DT Datasheet(PDF) 10 Page - Rohm

Part # SML-A12DT
Description  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12DT Datasheet(HTML) 10 Page - Rohm

Back Button SML-A12DT Datasheet HTML 5Page - Rohm SML-A12DT Datasheet HTML 6Page - Rohm SML-A12DT Datasheet HTML 7Page - Rohm SML-A12DT Datasheet HTML 8Page - Rohm SML-A12DT Datasheet HTML 9Page - Rohm SML-A12DT Datasheet HTML 10Page - Rohm SML-A12DT Datasheet HTML 11Page - Rohm SML-A12DT Datasheet HTML 12Page - Rohm SML-A12DT Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
4-5.Soldering Pattern for Recommendation
to prevent electrostatic charge.
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
to avoid bending or screwing with great stress of the circuit board.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-1. Soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
expansion and moisture absorption at humidity will cause heat stress during soldering process and
4.Mounting
finally has bad influence on the product’s reliability.
・The product is not guaranteed for flow soldering.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
with other parts within the usage limitation after open the moistureproof package.
contact us for inquiries.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
・For our product that has no solder resist, because of its solder amount and soldering conditions,
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
that will influence its reliability.Therefore, please be informed, concerning it before using it.
4-2. Automatic Mounting
4-2-1. Silicon Resin Sealing Product
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress
directly on the sealing section.
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
[SML-A1x series]
1.2mm
0.9mm
3.3mm
PCB Bonding Direction
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
10/11
2017.7 - Rev.007


Similar Part No. - SML-A12DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12DT ROHM-SML-A12DT Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   Side-view type
SML-A12DT ROHM-SML-A12DT Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
More results

Similar Description - SML-A12DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com