Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-D12P8W Datasheet(PDF) 6 Page - Rohm

Part # SML-D12P8W
Description  Original device technology enables high brightness
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D12P8W Datasheet(HTML) 6 Page - Rohm

Back Button SML-D12P8W Datasheet HTML 2Page - Rohm SML-D12P8W Datasheet HTML 3Page - Rohm SML-D12P8W Datasheet HTML 4Page - Rohm SML-D12P8W Datasheet HTML 5Page - Rohm SML-D12P8W Datasheet HTML 6Page - Rohm SML-D12P8W Datasheet HTML 7Page - Rohm SML-D12P8W Datasheet HTML 8Page - Rohm SML-D12P8W Datasheet HTML 9Page - Rohm SML-D12P8W Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
    
[Data Sheet]
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state,
it may vaporize and expand which will influence the performance of the product.
Therefore, the package is waterproof. Please use the product following the conditions:
・Using Conditions
・Baking
Bake the product in case of below:
①The expiration date is passed.
②The color of indicator (silica gel) turned from blue to colorless or from green to pink.
・Baking Conditions
2.Application Methods
2-1.Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that
please do not apply voltage neither forward nor reverse. Especially, for the products with the
Ag-paste used in the die bonding, thereʼs high possibility to cause electro migration and result
2-2.Derating
 The Derating Characteristics are based on the lifetime of luminous intensity and assumption
of degradation & color change of sealing resin or reflector. About its reliability,
2-3.Operation Life Span
Thereʼs possibility for intensity of light drop according to working conditions and environments
(applied current, surrounding temperature and humidity, corrosive gases), please call our Sales
①Longtime intensity of light life
②On mode all the time
2-4.Applied Stress on Product
No resin hardening agent such as filler is used in the sealing resin of the product.
Therefore, please pay attention to the overstress on it which may influence its reliability.
2-5.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip,
Within 168h
with our desiccant (silica gel)
Classification Temperature
Humidity
Expiration Date
Remark
Below 20%RH
①Before using 5〜30℃
30〜70%RH
Within 1 year
from Receiving
Storage with waterproof package
②After opening
package
5〜30℃ Below 70%RH
[SML-D12x8(C) series]
■Precaution (Surface Mount Device)
Remark
so please try not to apply stress on it.
・Recommend bake once.
Rectifier, Switching and so on.
Please storing in the airtight container
Temperature
Time
Humidity
・Bake products in reel.
・Reel and embossed tape are easy to be deformed when baking,
applies on the products. If drive by constant voltage, it may cause current deviation of the LED and
result in deviation of luminous intensity, so we recommend to drive by constant current.
(Deviation of VF Value will cause deviation of current in LED.) Furthermore, for off mode,
in function failure.
please evaluate its using conditions and environment and use it after confirmed there is no problem.
staffs for inquiries about the concerned application below.
(Even if the product is within the expiration date.)
60±3℃
12〜24h
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
6/9
2017.8 - Rev.005


Similar Part No. - SML-D12P8W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12P8W ROHM-SML-D12P8W Datasheet
112Kb / 3P
   Standard Type
SML-D12P8W ROHM-SML-D12P8W Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D12P8W ROHM-SML-D12P8W Datasheet
1Mb / 4P
   SML-D1 Series EXCELED
SML-D12P8W ROHM-SML-D12P8W Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
More results

Similar Description - SML-D12P8W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com