Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-H12U8T Datasheet(PDF) 2 Page - Rohm

Part # SML-H12U8T
Description  Abundant color variations
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-H12U8T Datasheet(HTML) 2 Page - Rohm

  SML-H12U8T Datasheet HTML 1Page - Rohm SML-H12U8T Datasheet HTML 2Page - Rohm SML-H12U8T Datasheet HTML 3Page - Rohm SML-H12U8T Datasheet HTML 4Page - Rohm SML-H12U8T Datasheet HTML 5Page - Rohm SML-H12U8T Datasheet HTML 6Page - Rohm SML-H12U8T Datasheet HTML 7Page - Rohm SML-H12U8T Datasheet HTML 8Page - Rohm SML-H12U8T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
Reference
[SML-H12x(C) series]
0
0.5
1.0
1.5
0
5
10
20
15
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
100
10
2.5
2.0
1.5
1
Ta=25ºC
FORWARD VOLTAGE : VF [V]
I
F=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SML-H12V8T(C)
SML-H12U8T(C)
SML-H12D8T(C)
SML-H12Y8T(C)
SML-H12M8T(C)
SML-H12P8T(C)
SML-H12V8T(C)
SML-H12U8T(C)
SML-H12D8T(C)
SML-H12Y8T(C)
SML-H12M8T(C)
SML-H12P8T(C)
SML-H12V8T(C)
SML-H12U8T(C)
SML-H12D8T(C)
SML-H12Y8T(C)
SML-H12M8T(C)
SML-H12P8T(C)
0
10
20
30
-40
-20
0
20
40
60
80
100
SML-H12V8T(C)
SML-H12U8T(C)
SML-H12D8T(C)
SML-H12Y8T(C)
SML-H12M8T(C)
SML-H12P8T(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/9
2017.5 - Rev.005


Similar Part No. - SML-H12U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12U8T ROHM-SML-H12U8T Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
More results

Similar Description - SML-H12U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   Abundant 2 color variations
logo
List of Unclassifed Man...
UPMBB-05M ETC2-UPMBB-05M Datasheet
67Kb / 1P
   COLOR VARIATIONS MAY OCCUR
logo
Xilinx, Inc
XC4000D XILINX-XC4000D Datasheet
13Kb / 2P
   Abundant flip-flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com