Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-H12Y8T Datasheet(PDF) 9 Page - Rohm

Part # SML-H12Y8T
Description  Abundant color variations
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-H12Y8T Datasheet(HTML) 9 Page - Rohm

Back Button SML-H12Y8T Datasheet HTML 3Page - Rohm SML-H12Y8T Datasheet HTML 4Page - Rohm SML-H12Y8T Datasheet HTML 5Page - Rohm SML-H12Y8T Datasheet HTML 6Page - Rohm SML-H12Y8T Datasheet HTML 7Page - Rohm SML-H12Y8T Datasheet HTML 8Page - Rohm SML-H12Y8T Datasheet HTML 9Page - Rohm SML-H12Y8T Datasheet HTML 10Page - Rohm SML-H12Y8T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
Please handle after the part temp.
goes down to room temp.
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
Handling after
soldering
TL
Reference temperature
230〜260℃
tL
Retention time for TL Within 40sec.
TP
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
400℃ within 3 sec.
a) Heating method
b)
①SOLDER USED
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
Peak temperature
260℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
[SML-H12x(C) series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Fig-1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/9
2017.5 - Rev.005


Similar Part No. - SML-H12Y8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12Y8T ROHM-SML-H12Y8T Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
More results

Similar Description - SML-H12Y8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   Abundant 2 color variations
logo
List of Unclassifed Man...
UPMBB-05M ETC2-UPMBB-05M Datasheet
67Kb / 1P
   COLOR VARIATIONS MAY OCCUR
logo
Xilinx, Inc
XC4000D XILINX-XC4000D Datasheet
13Kb / 2P
   Abundant flip-flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com