Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7921AUJ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7921AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921AUJ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7921AUJ-R2 Datasheet HTML 4Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 5Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 6Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 7Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 8Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 9Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 10Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 11Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7911/AD7921
Rev. 0 | Page 8 of 28
TIMING EXAMPLES
Figure 6 and Figure 7 show some of the timing parameters from
the Timing Specifications section.
Timing Example 1
As shown in Figure 7, when fSCLK = 5 MHz and the throughput is
250 kSPS, the cycle time is
t2 + 12.5(1/fSCLK) + tACQ = 4 µs
With t2 = 10 ns minimum, then tACQ is 1.49 µs, which satisfies
the requirement of 290 ns for tACQ.
In Figure 7, tACQ is comprised of 2.5(1/fSCLK) + t10 + tQUIET, where
t10 = 30 ns maximum. This allows a value of 960 ns for tQUIET,
satisfying the minimum requirement of 30 ns.
Timing Example 2
The AD7921 can also operate with slower clock frequencies. As
shown in Figure 7, when fSCLK = 2 MHz and the throughput rate
is 100 KSPS, the cycle time is
t2 + 12.5(1/fSCLK) + tACQ = 10 µs
With t2 = 10 ns minimum, then tACQ is 3.74 µs, which satisfies
the requirement of 290 ns for tACQ.
In Figure 7, tACQ is comprised of 2.5(1/fSCLK) + t10 + tQUIET, where
t10 = 30 ns maximum. This allows a value of 2.46 µs for tQUIET,
satisfying the minimum requirement of 30 ns.
In this example, as with other slower clock values, the signal
might already be acquired before the conversion is complete,
but it is still necessary to leave 30 ns minimum tQUIET between
conversions. In this example, the signal should be fully acquired
at approximately point C in Figure 7.
ZERO
X
12
34
5
13
14
15
16
X
CHN
X
X
X
X
X
X
CHN
X
DB11
DB10
DB2
DB1
DB0
Z
t2
t6
t4
t8
t9
t3
t7
t5
t10
t1
tQUIET
tCONVERT
SCLK
CS
DOUT
THREE-STATE
THREE-STATE
DIN
B
Figure 6. AD7921 Serial Interface Timing Diagram
12
3
4
5
13
14
15
16
tQUIET
tACQUISITION
1/THROUGHPUT
12.5(1/fSCLK)
tCONVERT
BC
SCLK
CS
t10
t2
Figure 7. Serial Interface Timing Example


Similar Part No. - AD7921AUJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7921AUJZ-R2 AD-AD7921AUJZ-R2 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7921AUJZ-REEL7 AD-AD7921AUJZ-REEL7 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results

Similar Description - AD7921AUJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com