Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2849SURF Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2849SURF
Description  10.7 Gbps Electro-Absorption Modulator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2849SURF Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2849SURF Datasheet HTML 2Page - Analog Devices ADN2849SURF Datasheet HTML 3Page - Analog Devices ADN2849SURF Datasheet HTML 4Page - Analog Devices ADN2849SURF Datasheet HTML 5Page - Analog Devices ADN2849SURF Datasheet HTML 6Page - Analog Devices ADN2849SURF Datasheet HTML 7Page - Analog Devices ADN2849SURF Datasheet HTML 8Page - Analog Devices ADN2849SURF Datasheet HTML 9Page - Analog Devices ADN2849SURF Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Technical Data
ADN2849
Rev. Pr. G | Page 7 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTION
GND
DATAP
DATAN
VBB
CLKP
CLKN
VEE
GND
MODN_TERM
MODP
GND
VTERM
1
ADN2849
Figure 15. Pin configuration
Note: There is a n exposed pad on the bottom of the package that must be connected to the most negative supply rail of the ADN2849
Table 5.
Pin number
Mnemonic
Description
1, 10, 11, 14,17, 20
GND
Positive power supply
2
DATAP
AC coupled CML data, positive differential terminal
3
DATAN
AC coupled CML data, negative differential terminal
4
VBB
CML termination resistor
5
CLKP
AC coupled CML clock, positive differential terminal
6
CLKN
AC coupled CML clock, negative differential terminal
7
MOD_ENB
Modulation enable logic input
8
CLK_SELB
Retiming select logic input
9
MOD_SET
Modulation voltage set input
12, 13, 21
VEE
Negative power supply
15
MODN_TERM
Termination resistor for MODN
16
MODP
Positive modulation voltage output
18, 19
VTERM
Back termination voltage output
22
BIAS_SET
Bias offset voltage set input
23
CPAP
Cross point adjust positive control input
24
CPAN
Cross point adjust negative control input
Exposed Pad
Pad
Connect to the most negative supply rail of the ADN2849


Similar Part No. - ADN2849SURF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
More results

Similar Description - ADN2849SURF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
   10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
OKI electronic componet...
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
   10 Gbps EA Modulator Driver IC
logo
Texas Instruments
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com