Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600C
Description  I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600C Datasheet(HTML) 3 Page - Texas Instruments

  BQ25600C Datasheet HTML 1Page - Texas Instruments BQ25600C Datasheet HTML 2Page - Texas Instruments BQ25600C Datasheet HTML 3Page - Texas Instruments BQ25600C Datasheet HTML 4Page - Texas Instruments BQ25600C Datasheet HTML 5Page - Texas Instruments BQ25600C Datasheet HTML 6Page - Texas Instruments BQ25600C Datasheet HTML 7Page - Texas Instruments BQ25600C Datasheet HTML 8Page - Texas Instruments BQ25600C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
bq25600C
www.ti.com
SLUSD36 – SEPTEMBER 2017
Product Folder Links: bq25600C
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description (continued)
The bq25600C is highly-integrated 3.0-A switch-mode battery charge management and system power path
management device for single cell Li-Ion and Li-polymer battery. It features fast charging with high input voltage
and high efficiency, which supports parallel charge applications for a wide range of smart phones, tablets and
portable devices. The bq25600C has different I2C address from bq25600 and thus only single I2C bus is needed
when bq25600 is selected as a main charger and bq25600C is selected as a parallel charger. Its low impedance
power path optimizes switch-mode operation efficiency, reduces battery charging time. Its input voltage and
current regulation and battery remote sensing deliver maximum charging power to battery. The solution is highly
integrated with input reverse-blocking FET (RBFET, Q1), high-side switching FET (HSFET, Q2), low-side
switching FET (LSFET, Q3), and battery FET (BATFET, Q4) between system and battery. It also integrates the
bootstrap diode for the high-side gate drive for simplified system design. The I2C serial interface with charging
and system settings makes the device a truly flexible solution.
The device supports a wide range of input sources, including standard USB host port, USB charging port, and
USB compliant high voltage adapter. The device sets default input current limit based on the built-in USB
interface. To set the default input current limit, the device uses the built-in USB interface, or takes the result from
detection circuit in the system, such as USB PHY device. The device is compliant with USB 2.0 and USB 3.0
power spec with input current and voltage regulation.
The device initiates and completes a charging cycle without software control. It senses the battery voltage and
charges the battery in three phases: pre-conditioning, constant current and constant voltage. At the end of the
charging cycle, the charger automatically terminates when the charge current is below a preset limit and the
battery voltage is higher than recharge threshold. If the fully charged battery falls below the recharge threshold,
the charger automatically starts another charging cycle.
The charger provides various safety features for battery charging and system operations, including charging
safety timer and overvoltage and overcurrent protections. The thermal regulation reduces charge current when
the junction temperature exceeds 110°C (programmable). The STAT output reports the charging status and any
fault conditions. Other safety features include thermal regulation and thermal shutdown and input UVLO and
overvoltage protection. The VBUS_GD bit indicates if a good power source is present. The INT output
Immediately notifies host when fault occurs.
The devices are available in 30-ball, 2.0 mm × 2.4 mm WCSP package.


Similar Part No. - BQ25600C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFR TI1-BQ25600DYFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFT TI1-BQ25600DYFFT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600YFFR TI1-BQ25600YFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

Similar Description - BQ25600C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
BQ25910 TI1-BQ25910 Datasheet
194Kb / 8P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for High Input Voltage
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Texas Instruments
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com