Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600CYFFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600CYFFT
Description  I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600CYFFT Datasheet(HTML) 5 Page - Texas Instruments

  BQ25600CYFFT Datasheet HTML 1Page - Texas Instruments BQ25600CYFFT Datasheet HTML 2Page - Texas Instruments BQ25600CYFFT Datasheet HTML 3Page - Texas Instruments BQ25600CYFFT Datasheet HTML 4Page - Texas Instruments BQ25600CYFFT Datasheet HTML 5Page - Texas Instruments BQ25600CYFFT Datasheet HTML 6Page - Texas Instruments BQ25600CYFFT Datasheet HTML 7Page - Texas Instruments BQ25600CYFFT Datasheet HTML 8Page - Texas Instruments BQ25600CYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
bq25600C
www.ti.com
SLUSD36 – SEPTEMBER 2017
Product Folder Links: bq25600C
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SCL
F5
DI
I2C interface clock. Connect SCL to the logic rail through a 10-kΩ resistor.
SDA
E4
DIO
I2C interface data. Connect SDA to the logic rail through a 10-kΩ resistor.
STAT
E5
DO
Open-drain interrupt output. Connect the STAT pin to a logic rail via 10-k
Ω resistor. The STAT pin indicates
charger status.
Charge in progress: LOW
Charge complete or charger in SLEEP mode: HIGH
Charge suspend (fault response): Blink at 1Hz
SW
A2
P
Switching node connecting to output inductor. Internally SW is connected to the source of the n-channel HSFET
and the drain of the n-channel LSFET. Connect the 0.047-μF bootstrap capacitor from SW to BTST.
B2
SYS
C2
P
Converter output connection point. The internal current sensing resistor is connected between SYS and BAT.
Connect a 20 µF closely to the SYS pin.
D2
E2
F2
Thermal Pad
P
Ground reference for the device that is also the thermal pad used to conduct heat from the device. This
connection serves two purposes. The first purpose is to provide an electrical ground connection for the device.
The second purpose is to provide a low thermal-impedance path from the device die to the PCB. This pad
should be tied externally to a ground plane.
NC
D3, D4
AI
No Connect. Leave this pin floating.
VAC
A5
AI
Input voltage sensing. This pin must be connected to VBUS.
VBUS
A4
P
Charger input voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between VBUS and
PMID with VBUS on source. Place a 1-uF ceramic capacitor from VBUS to GND and place it as close as
possible to IC.
B4


Similar Part No. - BQ25600CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFR TI1-BQ25600DYFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFT TI1-BQ25600DYFFT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600YFFR TI1-BQ25600YFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

Similar Description - BQ25600CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
BQ25910 TI1-BQ25910 Datasheet
194Kb / 8P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for High Input Voltage
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Texas Instruments
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com