Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87503Q3ET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87503Q3ET
Description  30-V N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87503Q3ET Datasheet(HTML) 1 Page - Texas Instruments

  CSD87503Q3ET Datasheet HTML 1Page - Texas Instruments CSD87503Q3ET Datasheet HTML 2Page - Texas Instruments CSD87503Q3ET Datasheet HTML 3Page - Texas Instruments CSD87503Q3ET Datasheet HTML 4Page - Texas Instruments CSD87503Q3ET Datasheet HTML 5Page - Texas Instruments CSD87503Q3ET Datasheet HTML 6Page - Texas Instruments CSD87503Q3ET Datasheet HTML 7Page - Texas Instruments CSD87503Q3ET Datasheet HTML 8Page - Texas Instruments CSD87503Q3ET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Gate 1
PIN 1
Gate 2
PIN 3
Common
Source
Pin 2
Common
Source
Pin 4
Drain 2
Pins 5, 6
Drain 1
Pins 7, 8
VG1, VG2 - Gate Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
D007
TC = 25°C, I D1D2 = 6 A
TC = 125°C, I D1D2 = 6 A
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD87503Q3E
SLPS661 – SEPTEMBER 2017
CSD87503Q3E 30-V N-Channel NexFET™ Power MOSFETs
1
1 Features
1
Dual N-Ch Common Source MOSFETs
Optimized for 5-V Gate Drive
Low-Thermal Resistance
Low Qg and Qgd
Lead-Free Terminal Plating
RoHS Compliant
Halogen Free
SON 3.3-mm × 3.3-mm Plastic Package
2 Applications
USB Type-C/PD VBus Protection
Battery Protection
Load Switch
3 Description
The CSD87503Q3E is a 30-V, 13.5-mΩ, common
source, dual N-channel device designed for USB
Type-C/PD and battery protection. This SON 3.3 ×
3.3 mm device has low drain-to-drain on-resistance
that minimizes losses and offers low component
count for space constrained applications.
Top View
Circuit Image
Product Summary
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
Qg
Gate Charge Total (4.5 V)
13.4
nC
Qgd
Gate Charge Gate-to-Drain
5.8
nC
RDD(on)
Drain-to-Drain On-Resistance
VGS = 4.5 V
17.3
m
VGS = 10 V
13.5
VGS(th)
Threshold Voltage
1.7
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD87503Q3E
2500
13-Inch Reel
SON
3.30-mm × 3.30-mm
Plastic Package
Tape
and
Reel
CSD87503Q3ET
250
7-Inch Reel
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±20
V
ID1, D2
Continuous Drain-to-Drain Current
(Package Limited)
10
A
IDS
Continuous Drain-to-Source Current
(Package Limited)
1.5
A
ID1, D2M
Pulsed Drain-to-Drain Current,(1)
89
A
PD
Power Dissipation(2)
2.6
W
PD
Power Dissipation, TC = 25°C
15.6
W
TJ ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Max RθJC = 8°C/W, pulse duration ≤ 100 μs, duty cycle ≤ 1%.
(2) Typical RθJA = 50°C/W when mounted on a 1-in
2 (6.45-cm2),
2-oz (0.071-mm) thick Cu pad on a 0.06-in (1.52-mm) thick
FR4 PCB.
RDD(on) vs VGS


Similar Part No. - CSD87503Q3ET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87501L TI-CSD87501L Datasheet
896Kb / 12P
[Old version datasheet]   CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD87501LT TI-CSD87501LT Datasheet
896Kb / 12P
[Old version datasheet]   CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD87501L TI-CSD87501L_15 Datasheet
896Kb / 12P
[Old version datasheet]   CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
[Old version datasheet]   CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD87503Q3ET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com