Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790500PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790500PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790500PWR Datasheet(HTML) 4 Page - Texas Instruments

  BQ7790500PWR Datasheet HTML 1Page - Texas Instruments BQ7790500PWR Datasheet HTML 2Page - Texas Instruments BQ7790500PWR Datasheet HTML 3Page - Texas Instruments BQ7790500PWR Datasheet HTML 4Page - Texas Instruments BQ7790500PWR Datasheet HTML 5Page - Texas Instruments BQ7790500PWR Datasheet HTML 6Page - Texas Instruments BQ7790500PWR Datasheet HTML 7Page - Texas Instruments BQ7790500PWR Datasheet HTML 8Page - Texas Instruments BQ7790500PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
bq77904, bq77905
SLUSCM3G – JUNE 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Device Comparison
DEVICE
NUMBER OF
CELLS
PROTECTIONS
TYPICAL NORMAL
MODE CURRENT (µA)
PACKAGE
bq77904
3, 4
OV, UV, OW, OTD, OTC, UTD, UTC, OCD1,
OCD2, SCD, CTRC, CTRD
6
20-TSSOP
bq77905
3, 4, 5
(1)
These thresholds are target based on temperature, but they are dependent on external components that could vary based on customer
selection. Circuit is based on 103AT NTC thermistor connected to TS and VSS, and a 10k
Ω resistor connected to VTB and TS. Actual
thresholds must be determined in mV. Refers to the over- and under-temperature mV threshold in the Electrical Characteristics table.
Unless specified, the devices in Table 1 and Table 2 are default with state comparator enabled with 2 mV
threshold. Filtered fault detection is used by default. Contact Texas Instruments for new configuration option or
device in preview.
Table 1. bq77904 Device Configuration
Part Number
OV
UV
OW
OCD1
OCD2
SCD
Current Fault
Recovery
Temperature (°C)
(1)
Method
OTD
OTC
UTD
UTC
bq7790400
4225
2
100
2200
2
400
Y
0
(disable)
40
1420
60
350
100
0
Load Removal
70
50
-20
-5
(1)
These thresholds are target based on temperature, but they are dependent on external components that could vary based on customer
selection. Circuit is based on 103AT NTC thermistor connected to TS and VSS, and a 10k
Ω resistor connected to VTB and TS. Actual
thresholds must be determined in mV. Refers to the over- and under-temperature mV threshold in the Electrical Characteristics table.
(2)
Product Preview
Table 2. bq77905 Device Configuration
Part Number
OV
UV
OW
OCD1
OCD2
SCD
Current Fault
Recovery
Temperature (°C)
(1)
Method
OTD
OTC
UTD
UTC
bq7790500
4200
0.5
100
2600
1
400
Y
100
30
1420
50
700
120
1
Load Removal
+ Delay
70
50
-20
0
bq7790501
(2)
4200
0.5
100
2600
1
400
N
100
30
1420
50
700
120
1
Load Removal
+ Delay
70
50
-20
0
bq7790502
4250
1
200
2700
1
200
Y
100
85
700
120
350
240
Load Removal
70
50
-20
-5
bq7790503
4200
1
100
2700
2
400
Y
100
80
1420
160
350
320
Load Removal
70
50
-20
-5
bq7790504
(2)
4250
0.5
200
2700
1
200
Y
100
80
350
160
5
200
1
Load Removal
+ Delay
70
50
-10
-5
bq7790505
4250
1
200
2700
1
200
N
0
60
10
80
5
100
9
Load Removal
+ Delay
65
45
-20
0
bq7790508
3900
1
200
2000
1
400
Y
100
50
700
100
90
200
1
Load Removal
+ Delay
70
50
-20
-5
bq7790509
4250
1
100
2500
1
400
Y
100
50
700
100
90
200
1
Load Removal
+ Delay
70
50
-20
-5
bq7790511
4250
1
200
2700
1
200
Y
100
50
350
120
90
280
Load Removal
65
45
-20
0
bq7790512
4175
1
100
2800
1
400
Y
100
75
1420
150
350
300
1
Load Removal
+ Delay
65
45
-20
0


Similar Part No. - BQ7790500PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790500PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com