Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8180QV36BD-200I Datasheet(PDF) 6 Page - GSI Technology

Part # GS8180QV36BD-200I
Description  18Mb Burst of 2 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180QV36BD-200I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS8180QV36BD-200I Datasheet HTML 2Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 3Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 4Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 5Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 6Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 7Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 8Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 9Page - GSI Technology GS8180QV36BD-200I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
GS8180QV18/36BD-200/167
Rev: 1.02b 11/2011
6/28
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Burst of 2 SigmaQuad SRAM DDR Write
The write port samples the status of the W pin at each rising edge of K and the Address Input pins on the following rising edge of
K. A low on the Write Enable-bar pin, W, begins a write cycle. The first of the data-in pairs associated with the write command is
clocked in with the same rising edge of K used to capture the write command. The second of the two data in transfers is captured on
the rising edge of K along with the write address. A high on W causes a write port deselect cycle.
Burst of 2 Double Data Rate SigmaQuad SRAM Write First
Write A
Read B
Read C Write D
NOP
Read E Write F
Read G Write H
NOP
A
B
C
D
E
F
G
H
A
A+1
D
D+1
F
F+1
H
H+1
A
A+1
D
D+1
F
F+1
H
H+1
B
B+1
C
C+1
E
E+1
G
K
K
Address
R
W
BWx
D
C
C
Q
Special Functions
Byte Write Control
Byte Write Enable pins are sampled at the same time that Data In is sampled. A high on the Byte Write Enable pin associated with
a particular byte (e.g., BW0 controls D0–D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be
stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven high or low
during the data in sample times in a write sequence.
Each write enable command and write address loaded into the RAM provides the base address for a 2 beat data transfer. The x18
version of the RAM, for example, may write 36 bits in association with each address loaded. Any 9-bit byte may be masked in any
write sequence.


Similar Part No. - GS8180QV36BD-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180QV36BD-200 GSI-GS8180QV36BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results

Similar Description - GS8180QV36BD-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-200 GSI-GS8180QV18BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18D GSI-GS8180QV18D Datasheet
778Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180Q18D GSI-GS8180Q18D Datasheet
777Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BGD-200 GSI-GS8180QV36BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com