Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790508PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790508PW
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790508PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ7790508PW Datasheet HTML 6Page - Texas Instruments BQ7790508PW Datasheet HTML 7Page - Texas Instruments BQ7790508PW Datasheet HTML 8Page - Texas Instruments BQ7790508PW Datasheet HTML 9Page - Texas Instruments BQ7790508PW Datasheet HTML 10Page - Texas Instruments BQ7790508PW Datasheet HTML 11Page - Texas Instruments BQ7790508PW Datasheet HTML 12Page - Texas Instruments BQ7790508PW Datasheet HTML 13Page - Texas Instruments BQ7790508PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
bq77904, bq77905
SLUSCM3G – JUNE 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Not production tested parameters. Specified by design
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
PROTECTION DELAYS(1)
tOVn_DELAY
Overvoltage detection delay time
0.5 s Delay Option
0.4
0.5
0.8
s
1 s Delay Option
0.8
1
1.4
2 s Delay Option
1.8
2
2.7
4.5 s Delay Option
4
4.5
5.2
tUVn_DELAY
Undervoltage detection delay time
1 s Delay Option
0.8
1
1.5
s
2 s Delay Option
1.8
2
2.7
4.5 s Delay Option
4
4.5
5.5
9 s Delay Option
8
9
10.2
tOWn_DELAY
Open-wire detection delay time
3.6
4.5
5.3
s
tOTC_DELAY
Overtemperature charge detection
delay time
3.6
4.5
5.3
s
tUTC_DELAY
Undertemperature charge detection
delay time
3.6
4.5
5.3
s
tOTD_DELAY
Overtemperature discharge
detection delay time
3.6
4.5
5.3
s
tUTD_DELAY
Undertemperature discharge
detection delay time
3.6
4.5
5.3
s
tOCD1_DELAY
Overcurrent 1 detection delay time
10 ms delay option
8
10
15
ms
20 ms delay option
17
20
26
45 ms delay option
36
45
52
90 ms delay option
78
90
105
180 ms delay option
155
180
205
350 ms delay option
320
350
405
700 ms delay option
640
700
825
1420 ms delay option
1290
1420
1620
tOCD2_DELAY
Overcurrent 2 detection delay time
5 ms delay option
4
5
8
ms
10 ms delay option
8
10
15
20 ms delay option
17
20
26
45 ms delay option
36
45
52
90 ms delay option
78
90
105
180 ms delay option
155
180
205
350 ms delay option
320
350
405
700 ms delay option
640
700
825
tSCD_RELAY
Short-circuit detection delay time
360 µs delay option
220
400
610
µs
tCD_REC
Overcurrent 1, Overcurrent 2, and
Short-circuit recovery delay time
1 s option
0.8
1
1.4
s
9 s option
8
9
10.2


Similar Part No. - BQ7790508PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790508PW TI1-BQ7790508PW Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790508PW TI1-BQ7790508PW Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790508PW TI1-BQ7790508PW Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790508PW TI1-BQ7790508PW Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790508PW TI-BQ7790508PW Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790508PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com