Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5283P-6AQ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5283P-6AQ
Description  Interface IC for 125 kHz Wake-up Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5283P-6AQ Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5283P-6AQ Datasheet HTML 1Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 2Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 3Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 4Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 5Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 6Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 7Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 8Page - ATMEL Corporation ATA5283P-6AQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ATA5283 [Preliminary]
4598D–AUTO–03/04
Automatic Gain Control
For a correct demodulation the signal conditioner needs appropriate internal signal
amplitude. To control the input signal the ATA5283 has a build in digital AGC. The gain
control circuit regulates the internal signal amplitude to the reference value (Ref2, Fig-
ure 4). It decreases the gain by one step if the internal signal exceeds the reference
level for two periods and it increases the gain by one step if eight periods do not achieve
the reference level. In the standby listen mode the gain is reset to the maximum value. If
a valid preamble signal (192 valid carrier clocks) is detected the automatic gain control
is activated.
Note:
With the variation of the gain the coil input impedance changes from high impedance to
minimal 143 k
Ω because of the internal regulator circuit (see Figure 10).
Figure 4. Automatic Gain Control
Transmitted
signal
Gain controlled
signal
Gain control
reference
Gap detection
reference
Ref.1
Ref.2
Coil
input
N_DATA
Internal comparator
singal


Similar Part No. - ATA5283P-6AQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5283P-6AQJ ATMEL-ATA5283P-6AQJ Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
More results

Similar Description - ATA5283P-6AQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
ATA5282 ATMEL-ATA5282_05 Datasheet
467Kb / 23P
   Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
ATA5275 ATMEL-ATA5275 Datasheet
324Kb / 16P
   125 kHz TRANSMITTER IC FOR TPM
ATA5276 ATMEL-ATA5276 Datasheet
398Kb / 18P
   125 kHz Transmitter IC for TPM
logo
ABLIC Inc.
S-35710 ABLIC-S-35710 Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35720 ABLIC-S-35720 Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com