Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2077B2 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AAT2077B2
Description  Digital Attenuator 2-Bit 21 dB DC~1200 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AAT2077B2 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AAT2077B2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AAT2077B2 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ASB Inc.
 sales@asb.co.kr
June 2017
AAT2077B2
2. Summary on Product Performances
2.1
Electrical Specifications
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Test Condition
Min
Typ
Max
Unit
Reference
Insertion Loss (IL)
50 MHz
500 MHz
1200 MHz
-
0.4
0.6
0.7
-
dB
Attenuation Accuracy 1)
DC – 1200 MHz
±(0.5 dB + 10% of attenuation setting)
Return Loss
DC – 1200 MHz
15
16
-
dB
Switching Characteristics:
Rise/fall Time
On/off Time
(10% to 90% RF)
(50% Vctrl to RF)
300
320
ns
Input P1dB
50 MHz
1200 MHz
-
26
21
-
dBm
IIP3 2)
50 MHz
1200 MHz
-
37
37
-
dBm
IIP2 2)
50 MHz
860 MHz
-
60
80
dBm
Supply Voltage (Vs)
+3
+5
-
V
Control Voltage
High
Low
Vs-0.5
0
Vs
-
+0.5
V
Current
600
uA
1) Attenuation accuracy are calculated at any bit or combination
2) IIP3 and IIP2 are measured with two tones at an input power of +0 dBm/tone separated by 6 MHz.
2.2
Truth Table
State
V1
V2
Insertion loss
Low
Low
7 dB
High
Low
14 dB
Low
High
21 dB
High
High


Similar Part No. - AAT2077B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AAT2073B2 ASB-AAT2073B2 Datasheet
715Kb / 11P
   Digital Attenuator 2-Bit 9 dB DC~2700 MHz
June 2017
AAT2074B2 ASB-AAT2074B2 Datasheet
711Kb / 11P
   Digital Attenuator 2-Bit 12 dB DC~2700 MHz
June 2017
AAT2075B2 ASB-AAT2075B2 Datasheet
780Kb / 14P
   Digital Attenuator 2-Bit 15dB DC~2700 MHz
June 2017
AAT2076B2 ASB-AAT2076B2 Datasheet
598Kb / 9P
   Digital Attenuator 2-Bit 18 dB DC~1200 MHz
June 2017
More results

Similar Description - AAT2077B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AAT2076B2 ASB-AAT2076B2 Datasheet
598Kb / 9P
   Digital Attenuator 2-Bit 18 dB DC~1200 MHz
June 2017
AAT2073B2 ASB-AAT2073B2 Datasheet
715Kb / 11P
   Digital Attenuator 2-Bit 9 dB DC~2700 MHz
June 2017
AAT2074B2 ASB-AAT2074B2 Datasheet
711Kb / 11P
   Digital Attenuator 2-Bit 12 dB DC~2700 MHz
June 2017
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
   Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
   Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
   Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
logo
Advanced Semiconductor ...
AAT2075B2 ASB-AAT2075B2 Datasheet
780Kb / 14P
   Digital Attenuator 2-Bit 15dB DC~2700 MHz
June 2017
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com