Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSP10S60S-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CSP10S60S-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSP10S60S-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSP10S60S-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSP10S60S-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSP10S60S-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig. 4 - Maximum Avalanche Power Curve
Pulse Duration,T (us)
P
Fig. 5 - Total Capacitance VS.
Reverse Voltage
Reverse Voltage,V (V)
R
10000
1000
100
10
10
100
1000
10000
0.1
1
10
100
10000
1000
100
f = 1MHz
Fig. 2 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage,V (Volts)
F
Reverse Voltage,V (V)
R
Fig. 3 - Reverse Characteristics
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T =100°C
A
T =85°C
A
T =25°C
A
T =150°C
A
T =125°C
A
T =50°C
A
0
10
20
30
40
50
60
1000
10
1
0.1
0.01
100
O
T =125 C
A
O
T =25 C
A
O
T =85 C
A
O
T =100 C
A
O
T =50 C
A
O
T =150 C
A
CSP10S60S-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-12KCQ
Revised Date : 2015/08/11
Revision : C4
Fig.1 - Forward Current Derating Curve
O
Case Temperature,T ( C)
C
25
50
75
100
125
150
175
12
8
4
0
6
2
10


Similar Part No. - CSP10S60S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSP10S100S CITC-CSP10S100S Datasheet
465Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSP10S100S-A CITC-CSP10S100S-A Datasheet
464Kb / 3P
   10A Surface Mount Super Low Barrier Diode
CSP10S45S-A CITC-CSP10S45S-A Datasheet
478Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSP10S60S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com