Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSP10S100S-A Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CSP10S100S-A
Description  10A Surface Mount Super Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSP10S100S-A Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CSP10S100S-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSP10S100S-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSP10S100S-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
■ TO-277 foot print
Dimensions in inches and (millimeters)
B
0.142 (3.60)
A
0.185 (4.70)
C
0.152 (3.87)
D
0.260 (6.60)
E
0.055 (1.40)
D
B
E
A
C
F
G
F
G
0.035 (0.90)
0.031 (0.80)
10A Surface Mount Super Low Barrier Diode
CSP10S100S-A
Document ID : DS-12KCI
Revised Date : 2015/08/28
Revision : C1
Document ID : DS-12KCI
Revised Date : 2015/08/28
Revision : C1


Similar Part No. - CSP10S100S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSP10S100S CITC-CSP10S100S Datasheet
465Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSP10S100S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSP12S120S CITC-CSP12S120S Datasheet
466Kb / 3P
   12A Surface Mount Super Low Barrier Diode
CSS560B-A CITC-CSS560B-A Datasheet
458Kb / 3P
   5A Surface Mount Super Low Barrier Diode
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL10T80 ZSELEC-SL10T80 Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
10U45S ZSELEC-10U45S Datasheet
299Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR1045L ZSELEC-SR1045L Datasheet
228Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Chip Integration Techno...
CSTP15S45S CITC-CSTP15S45S Datasheet
468Kb / 3P
   15A Surface Mount Trench Super Low Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com