Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2016EC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV2016EC
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2016EC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV2016EC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2016EC Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision 1.1
Jan.
2004
3
R0201-BS616LV2016
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.1
1.0
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.4V ~ 5.5V
Industrial
-40 O C to +85 O C2.4V ~ 5.5V
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC.
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4.IccsB1_Max. is 3uA/ 10uA at Vcc=3V/ 5V and TA=70oC.
5. Icc_Max. is 30mA(@3V) / 62mA(@5V) under 55ns operation.
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2.t
RC = Read Cycle Time
3. IccDR_MAX. is 0.7uA at TA=70oC.
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
1. This parameter is guaranteed and not 100% tested.
DC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
-40 to +85
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
BSI
BS616LV2016
(3)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1) MAX.
UNITS
Vcc =3.0V
VIL
Guaranteed Input Low
Voltage
(3)
Vcc =5.0V
-0.5
--
0.8
V
Vcc =3.0V
2.0
VIH
Guaranteed Input High
Voltage
(3)
Vcc =5.0V
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max,CE = VIH or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
Vcc =3.0V
VOL
Output Low Voltage
Vcc = Max, IOL = 2.0mA
Vcc =5.0V
--
--
0.4
V
Vcc =3.0V
VOH
Output High Voltage
Vcc = Min, IOH = -1.0mA
Vcc =5.0V
2.4
--
--
V
Vcc =3V
70ns
25
ICC
(5)
Operating Power Supply
Current
CE = VIL,
IDQ = 0mA, F = Fmax
(2)
Vcc =5V
70ns
--
--
55
mA
Vcc =3.0V
0.5
ICCSB
Standby Current-TTL
CE=VIH
IDQ = 0mA
Vcc =5.0V
--
--
1.0
mA
Vcc =3.0V
0.3
5
ICCSB1
(4)
Standby Current-CMOS
CEVcc-0.2V,
VIN≧Vcc-0.2V or VIN≦0.2V
Vcc =5.0V
--
1.0
30
uA


Similar Part No. - BS616LV2016EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016ECG55 BSI-BS616LV2016ECG55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016ECG70 BSI-BS616LV2016ECG70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016ECP55 BSI-BS616LV2016ECP55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016ECP70 BSI-BS616LV2016ECP70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2016EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com