Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4537D Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-B4537D
Description  STANDARD LED LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B4537D Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-B4537D Datasheet HTML 1Page - Yellow Stone Corp BL-B4537D Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-B1137B
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-B5137B
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
7.0
BL-B4537B
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 90.0
BL-B2137B
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 90.0
BL-B3137B
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 80.0
BL-B4137B
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 90.0
T1 3/4
Narrow
Viewing
Angle
1.0" Lead
5.2
BL-B9137B
GaP/GaP / Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6
2.0
40
L-049
BL-B4537D
GaAsP/GaP / Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 90.0
BL-B2137D
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 90.0
BL-B3137D
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 80.0
BL-B4537D
GaAsP/GaP/ Hi-Eff Red
635
Orange Diffused
45
80
30
150 2.0 2.6 90.0
35
BL-B3337D
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1 2.6 150.0
BL-B2337D
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 180.0
T1 3/4
Flangeless
1.0" Lead
5.0
BL-B4337D
GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150 2.0 2.6 180.0
20
L-050
BL-B1137E
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-B5137E
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-B4537E
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 50.0
BL-B2137E
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 50.0
BL-B3137E
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 45.0
35
BL-B4137E
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 50.0
T1 3/4
Flangeless
1.0" Lead
5.2
BL-B9137E
GaP/GaP / Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6 15.0
15
L-051
BL-B4537M
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 90.0
BL-B2137M
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 90.0
BL-B3137M
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 80.0
BL-B4137M
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 90.0
30
BL-B3337M
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1 2.6 150.0
BL-B2337M
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 180.0
T1 3/4
Narrow
Viewing
Angle
1.0" Lead
5.0
BL-B4337M
GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150 2.0 2.6 180.0
8
L-052
BL-B1137M-1 GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-B5137M-1 GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-B4537M-1 GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 50.0
BL-B2137M-1 GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 50.0
BL-B3137M-1 GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 45.0
45
BL-B2337M-1 GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 150.0
T1 3/4
1.0" Lead
5.0
BL-B4337M-1 GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150 2.0 2.6 150.0
20
L-053
BL-B4537N
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 65.0
BL-B2137N
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 65.0
BL-B3137N
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 55.0
BL-B4137N
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 65.0
45
BL-B2337N
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 100.0
BL-B3337N
GaAsP/GaP/ Yellow
585
Water Clear
35
80
30
150 2.1 2.6 80.0
T1 3/4
Flangeless
1.0" Lead
4.8
BL-B4637N
GaAsP/GaP/ Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 100.0
20
L-054
BL-B1138
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-B5138
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-B4538
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 60.0
BL-B2138
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 60.0
BL-B3138
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 55.0
40
1.0"Lead
4.8
BL-B2438
GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 90.0
25
L-055
BL-B5138A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
6.0
BL-B4538A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 70.0
BL-B2138A
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 70.0
BL-B3138A
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 60.0
35
1.0"Lead
4.6
BL-B2438A
GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 100.0
20
L-056
Remark
1.Hi-Eff Red / High-Efficiency Red.
2. Trans / Transparent.
3. 2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-B4537D

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B4537D AMERICANBRIGHT-BL-B4537D Datasheet
119Kb / 2P
   5mm (T1 3/4) LED Components
Ver.1.1
More results

Similar Description - BL-B4537D

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-C1131A YSTONE-BL-C1131A Datasheet
508Kb / 2P
   STANDARD LED LAMPS
BL-S1132 YSTONE-BL-S1132 Datasheet
659Kb / 2P
   STANDARD LED LAMPS
BL-B1131N YSTONE-BL-B1131N Datasheet
1Mb / 2P
   STANDARD LED LAMPS
BL-HH035 YSTONE-BL-HH035 Datasheet
117Kb / 1P
   STANDARD CHIP LED LAMPS
logo
Purdy Electronics Corpo...
AND114G PURDY-AND114G Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
   Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
   Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
   Standard Bright LED Lamps
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com