Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8672Q19BE-375 Datasheet(PDF) 11 Page - GSI Technology

Part # GS8672Q19BE-375
Description  72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672Q19BE-375 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8672Q19BE-375 Datasheet HTML 7Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 8Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 9Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 10Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 11Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 12Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 13Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 14Page - GSI Technology GS8672Q19BE-375 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.4
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 ( 2.4 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ +0.5 ( 2.4 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
120
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
GS8672Q19/37BE-450/400/375/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
11/27
© 2011, GSI Technology
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
1.6
V
Reference Voltage
VREF
VDDQ/2 – 0.05
VDDQ/2 + 0.05
V
Note:
The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power
down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Junction Temperature
(Commercial Range Versions)
TJ
0
25
85
C
Junction Temperature
(Industrial Range Versions)*
TJ
–40
25
100
C
Note:
* The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications
quoted are evaluated for worst case in the temperature range marked on the device.


Similar Part No. - GS8672Q19BE-375

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q19BE-375I GSI-GS8672Q19BE-375I Datasheet
475Kb / 27P
   JEDEC-standard pinout and package
More results

Similar Description - GS8672Q19BE-375

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q37BE-300 GSI-GS8672Q37BE-300 Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q37BGE-333I GSI-GS8672Q37BGE-333I Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q37BE-333I GSI-GS8672Q37BE-333I Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q19BGE-375I GSI-GS8672Q19BGE-375I Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q37BE-300I GSI-GS8672Q37BE-300I Datasheet
480Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q19BGE-333I GSI-GS8672Q19BGE-333I Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q19BE-450 GSI-GS8672Q19BE-450 Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q19BGE-400 GSI-GS8672Q19BGE-400 Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q37BGE-375I GSI-GS8672Q37BGE-375I Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
GS8672Q37BGE-450 GSI-GS8672Q37BGE-450 Datasheet
475Kb / 27P
   72Mb SigmaQuadTM-II Burst of 2 ECCRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com