Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6027335 Datasheet(PDF) 3 Page - SICK AG

Part # 6027335
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027335 Datasheet(HTML) 3 Page - SICK AG

  6027335 Datasheet HTML 1Page - SICK AG 6027335 Datasheet HTML 2Page - SICK AG 6027335 Datasheet HTML 3Page - SICK AG 6027335 Datasheet HTML 4Page - SICK AG 6027335 Datasheet HTML 5Page - SICK AG 6027335 Datasheet HTML 6Page - SICK AG 6027335 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L40S-33MA2A, L40E-33MA2A | L4000 Systems
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Mechanical data
Design
Cylindrical
Dimensions (diameter x length)
M30 x 100 mm
Housing material
Nickel-plated brass
Lens material
Glass
Weight
212 g
Ambient data
Enclosure rating
IP67 (EN 60529)
Ambient operating temperature
–20 °C ... +55 °C
Storage temperature
–25 °C ... +75 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Light source
LED
Type of light
Visible red light
Wave length
660 nm
Aperture angle/receiving angle
± 2.5° / ± 2.5°
Classifications
ECl@ss 5.0
27272701
ECl@ss 5.1.4
27272701
ECl@ss 6.0
27272701
ECl@ss 6.2
27272701
ECl@ss 7.0
27272701
ECl@ss 8.0
27272701
ECl@ss 8.1
27272701
ECl@ss 9.0
27272701
ETIM 5.0
EC001831
ETIM 6.0
EC001831
UNSPSC 16.0901
46171620
2017-09-01 12:26:26 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 6027335

ManufacturerPart #DatasheetDescription
logo
SICK AG
6027337 SICK-6027337 Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
6027338 SICK-6027338 Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
6027339 SICK-6027339 Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results

Similar Description - 6027335

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2450 SICK-L27E-3P2450 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L29E-3P3430 SICK-L29E-3P3430 Datasheet
421Kb / 5P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com