Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC153E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC153E
Description  High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC153E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC153E Datasheet HTML 1Page - Texas Instruments CD74HC153E Datasheet HTML 2Page - Texas Instruments CD74HC153E Datasheet HTML 3Page - Texas Instruments CD74HC153E Datasheet HTML 4Page - Texas Instruments CD74HC153E Datasheet HTML 5Page - Texas Instruments CD74HC153E Datasheet HTML 6Page - Texas Instruments CD74HC153E Datasheet HTML 7Page - Texas Instruments CD74HC153E Datasheet HTML 8Page - Texas Instruments CD74HC153E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS151C
Features
• Common Select Inputs
• Separate Enable Inputs
• Buffered inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
’HC153
and
’HCT153
are
dual
4-
to
1-line
selector/multiplexers that select one of four sources for each
section by the common select inputs, S0 and S1. When the
enable inputs (1E, 2E) are HIGH, the outputs are in the LOW
state.
Pinout
CD54HC153, CD54HCT153
(CERDIP)
CD74HC153, CD74HCT153
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC153F3A
-55 to 125
16 Ld CERDIP
CD54HCT153F3A
-55 to 125
16 Ld CERDIP
CD74HC153E
-55 to 125
16 Ld PDIP
CD74HC153M
-55 to 125
16 Ld SOIC
CD74HC153MT
-55 to 125
16 Ld SOIC
CD74HC153M96
-55 to 125
16 Ld SOIC
CD74HCT153E
-55 to 125
16 Ld PDIP
CD74HCT153M
-55 to 125
16 Ld SOIC
CD74HCT153MT
-55 to 125
16 Ld SOIC
CD74HCT153M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1E
S1
1I3
1I2
1I1
1I0
GND
1Y
VCC
S0
2I3
2I2
2I1
2I0
2Y
2E
September 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC153, CD74HC153,
CD54HCT153, CD74HCT153
High-Speed CMOS Logic
Dual 4- to 1-Line Selector/Multiplexer
[ /Title
(CD74H
C153,
CD74H
CT153)
/Subject
(High
Speed
CMOS
Logic
Dual 4-
Input


Similar Part No. - CD74HC153E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC153E TI-CD74HC153E Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153E TI-CD74HC153E Datasheet
439Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD74HC153EE4 TI-CD74HC153EE4 Datasheet
439Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
More results

Similar Description - CD74HC153E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC153 TI-CD54HC153 Datasheet
439Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com