Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5420A Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC5420A
Description  High Slew Rate Rail-to-Rail Quad Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5420A Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC5420A Datasheet HTML 1Page - E-CMOS Corporation EC5420A Datasheet HTML 2Page - E-CMOS Corporation EC5420A Datasheet HTML 3Page - E-CMOS Corporation EC5420A Datasheet HTML 4Page - E-CMOS Corporation EC5420A Datasheet HTML 5Page - E-CMOS Corporation EC5420A Datasheet HTML 6Page - E-CMOS Corporation EC5420A Datasheet HTML 7Page - E-CMOS Corporation EC5420A Datasheet HTML 8Page - E-CMOS Corporation EC5420A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EC5420A
High Slew Rate Rail-to-Rail
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 10
Revision 2008/12/25
Figure (f) Open Loop Gain & Phase vs. Frequency
Figure (g) Frequency Response for Various CL
Figure (h) Frequency Response for Various RL
RL=10KΩ
Av = 1
CL=10 pF
Av = 1


Similar Part No. - EC5420A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420I-F E-CMOS-EC5420I-F Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420I-G E-CMOS-EC5420I-G Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
More results

Similar Description - EC5420A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com