Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1020BL-12VC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1020BL-12VC
Description  32K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020BL-12VC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1020BL-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1020BL-12VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1020B
Document #: 38-05171 Rev. *A
Page 3 of 10
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8
pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
Note:
4.
Tested initially and after any design or process changes that may affect these parameters.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R 481
R 481
R2
255
R2
255
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF
Rise Time: 1 V/ns
Fall Time: 1 V/ns


Similar Part No. - CY7C1020BL-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020B-12VC CYPRESS-CY7C1020B-12VC Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1020B-12VXC CYPRESS-CY7C1020B-12VXC Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1020B-12ZC CYPRESS-CY7C1020B-12ZC Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1020B-12ZXC CYPRESS-CY7C1020B-12ZXC Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1020B-15ZC CYPRESS-CY7C1020B-15ZC Datasheet
507Kb / 9P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020BL-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com