Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR840L Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR840L
Description  8.0A LOW VF SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR840L Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR840L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR840L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f=1.0MHz
T = 25 C
j
°
0
20
40
60
80
100 120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
1k
2 of 2
SR830L – SR8200L
SR830L – SR8200L
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
5.0
10
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1 0.2
0.5
0.3
0.6
0.9
0.4
0.7 0.8
1.0
SR880L- 8100L
TA = 25℃
8200L
8150L
SR
-
SR830L-840L
SR
Fig. 2

0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
30
60
90
120
150
025
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
Resistive or
Inductive Load
850L-860L
10
8
6
4
2
Alldatasheet


Similar Part No. - SR840L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR840L JINANJINGHENG-SR840L Datasheet
64Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SR840L DYELEC-SR840L Datasheet
616Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR840L JINGHENG-SR840L Datasheet
64Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR840L YIXIN-SR840L Datasheet
287Kb / 2P
   8.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Bytesonic Electronics C...
SR840L BYTESONIC-SR840L Datasheet
750Kb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR840L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
SR8200L YIXIN-SR8200L Datasheet
287Kb / 2P
   8.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MBR840DC ZSELEC-MBR840DC Datasheet
147Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
SR820 ZSELEC-SR820 Datasheet
200Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
   Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
   Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
   LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com