Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1580L Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR1580L
Description  15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR1580L Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR1580L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR1580L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SR1580L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 3
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SR1545L-SR15200L
15100L
1560L
1550L
1545L
SR
SR
SR
-55 to +150
-55 to +150
32
DC
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
@IF=15A
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
Unit
V
A
mA
℃ /W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
0.3
15
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
15
Parameter
Symbol
V RRM
45
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
RMS Rectified Voltage
(Note2)
IO
IFSM
V FM
IR
RθJA
RθJL
TJ
TSTG
A
A
A
1580L
SR
SR
15150L
SR
50
60
80
100
150
35
42
56
70
105
0.55
0.75
0.82
100
15
15200L
SR
200
140
SR1545L-SR15200L
0.45
0.48
275
Features
Case:TO-277B Molded Plastic "Green" Molding Compound
Excellent High Temperature Stability
Lead Free: For RoHS/Lead Free Version
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
!
!
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Mounting Position: Any
!
Marking: Type Number
!
Patented Super Barrier Rectifier Technology
!
!
!
!
Schottky Barrier Chip
15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
A
t
I 2 t Rating for Fusing (t < 8.3ms)
2
2s
I
313.8
Alldatasheet


Similar Part No. - SR1580L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1580L DGNJDZ-SR1580L Datasheet
20Mb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SR1580L DYELEC-SR1580L Datasheet
2Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifie
logo
Bytesonic Electronics C...
SR1580L BYTESONIC-SR1580L Datasheet
639Kb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-TO-277 DGNJDZ-SR1580L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SR1580L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SL15T80 ZSELEC-SL15T80 Datasheet
331Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1545 ZSELEC-SL1545 Datasheet
272Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR15T80L ZSELEC-SR15T80L Datasheet
264Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
   15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
logo
Nanjing International G...
SR1560L-15A-277 DGNJDZ-SR1560L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L DGNJDZ-SR1545L Datasheet
20Mb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-TO-277 DGNJDZ-SR1580L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L-15A-TO-277 DGNJDZ-SR1545L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com