Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ15 Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SMBJ15
Description  5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SMBJ15 Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SMBJ15 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
UNI/BI-DIRECTIONAL 5.0 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
4 of 5
SMBJ SERIES
SMBJ SERIES
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ85
SMBJ85C
NU
DU
85
94.0
119.2
1.0
151
4.0
5.0
SMBJ85A
SMBJ85CA
NV
DV
85
94.0
108.2
1.0
137
4.4
5.0
SMBJ90
SMBJ90C
NW
DW
90
100
126.5
1.0
160
3.8
5.0
SMBJ90A
SMBJ90CA
NX
DX
90
100
115.5
1.0
146
4.1
5.0
SMBJ100
SMBJ100C
NY
DY
100
111
141.0
1.0
179
3.4
5.0
SMBJ100A SMBJ100CA
NZ
DZ
100
111
128.0
1.0
162
3.7
5.0
SMBJ110
SMBJ110C
PD
ED
110
122
154.5
1.0
196
3.1
5.0
SMBJ110A
SMBJ110CA
PE
EE
110
122
140.5
1.0
177
3.4
5.0
SMBJ120
SMBJ120C
PF
EF
120
133
169.0
1.0
214
2.8
5.0
SMBJ120A SMBJ120CA
PG
EG
120
133
153.0
1.0
193
3.1
5.0
SMBJ130
SMBJ130C
PH
EH
130
144
182.5
1.0
231
2.6
5.0
SMBJ130A SMBJ130CA
PK
EK
130
144
165.5
1.0
209
2.9
5.0
SMBJ150
SMBJ150C
PL
EL
150
167
211.5
1.0
268
2.2
5.0
SMBJ150A SMBJ150CA
PM
EM
150
167
192.5
1.0
243
2.5
5.0
SMBJ160
SMBJ160C
PN
EN
160
178
226.0
1.0
287
2.1
5.0
SMBJ160A SMBJ160CA
PP
EP
160
178
205.0
1.0
259
2.3
5.0
SMBJ170
SMBJ170C
PQ
EQ
170
189
239.5
1.0
304
2.0
5.0
SMBJ170A SMBJ170CA
PR
ER
170
189
217.5
1.0
275
2.2
5.0
SMBJ180
SMBJ180C
PS
ES
180
200
253.8
1.0
321
1.9
5.0
SMBJ180A SMBJ180CA
PT
ET
180
200
230.4
1.0
290
2.1
5.0
SMBJ190
SMBJ190C
PU
EU
190
211
267.9
1.0
339
1.8
5.0
SMBJ190A SMBJ190CA
PV
EV
190
211
243.2
1.0
306
2.0
5.0
SMBJ200
SMBJ200C
PW
EW
200
222
282.0
1.0
356
1.7
5.0
SMBJ200A SMBJ200CA
PX
EX
200
222
256.0
1.0
322
1.9
5.0
SMBJ210
SMBJ210C
PY
EY
210
233
296.1
1.0
375
1.6
5.0
SMBJ210A SMBJ210CA
PZ
EZ
210
233
268.8
1.0
339
1.8
5.0
SMBJ220
SMBJ220C
QD
FD
220
244
310.2
1.0
392
1.5
5.0
SMBJ220A SMBJ220CA
QE
FE
220
244
281.6
1.0
355
1.7
5.0
SMBJ250
SMBJ250C
QF
FF
250
278
342.5
1.0
447
1.3
5.0
SMBJ250A SMBJ250CA
QG
FG
250
278
309.0
1.0
403
1.5
5.0
SMBJ300
SMBJ300C
QH
FH
300
333
411.0
1.0
535
1.1
5.0
SMBJ300A SMBJ300CA
QK
FK
300
333
371.0
1.0
484
1.2
5.0
SMBJ350
SMBJ350C
QL
FL
350
389
479.5
1.0
624
1.0
5.0
SMBJ350A SMBJ350CA
QM
FM
350
389
432.0
1.0
565
1.1
5.0
SMBJ400
SMBJ400C
QN
FN
400
444
548.0
1.0
687
0.9
5.0
SMBJ400A SMBJ400CA
QP
FP
400
444
494.0
1.0
645
0.9
5.0
SMBJ440
SMBJ440C
QQ
FQ
440
489
602.8
1.0
786
0.8
5.0
SMBJ440A SMBJ440CA
QR
FR
440
489
543.0
1.0
710
0.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Alldatasheet


Similar Part No. - SMBJ15

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ15 SOCAY-SMBJ15 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ15 JGD-SMBJ15 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ15 MICROSEMI-SMBJ15 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ15 SOCAY-SMBJ15 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ15 DAESAN-SMBJ15 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

Similar Description - SMBJ15

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com