Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ15A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SMBJ15A
Description  5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SMBJ15A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SMBJ15A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ15A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value Ipp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
tp
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V = 50mV p-p
sig
2 of 5
SMBJ SERIES
SMBJ SERIES
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
10 X 1000 Waveform
as defined by REA
0
25
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
Alldatasheet


Similar Part No. - SMBJ15A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ15A LITTELFUSE-SMBJ15A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ15A SPSEMI-SMBJ15A Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Jinan Gude Electronic D...
SMBJ15A JGD-SMBJ15A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ15A LUGUANG-SMBJ15A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMBJ15A SOCAY-SMBJ15A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ15A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com