Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4737A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4737A
Description  1 .0 W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4737A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4737A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4737A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4737A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0W ZENER DIODE
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZ
Pd / VZ
mA
Power Dissipation
Derate Above 50°C
(Note 1)
Pd
1.0
6.67
W
mW/°C
Thermal Resistance - Junction to Ambient Air
RqJA
175
°C/W
Forward Voltage @ IF = 200 mA
VF
1.2
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to + 175
°C
Note:
1.
Valid provided that leads are kept at TL @ 50°C with lead length = 9.5mm (3/8”) from case.
2. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable,
see EU Directive Annex Notes 5 and 7.
Maximum Ratings
Mechanical Data
·
1.0 Watt Power Dissipation
·
3.3V - 75V Nominal Zener Voltage
·
Standard VZ Tolerance is 5%
·
Lead Free Finish, RoHS Compliant (Note 2)
·
Case: DO-41
·
Case Material: Glass. UL Flammability Classification Rating
94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Sn96.5Ag3.5. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approximate)
A
A
B
C
D
DO-41GLASS
Dim
Min
Max
A
26.0
B
4.10
C
0.86
D
2.60
All Dimensions in mm
Features
@ TA = 25°C unless otherwise specified
1 of 3
1N4728A - 1N4761A
1N4728A - 1N4761A
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
Alldatasheet


Similar Part No. - 1N4737A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4737A PHILIPS-1N4737A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4737A FAIRCHILD-1N4737A Datasheet
667Kb / 5P
   Zener Diodes
logo
SeCoS Halbleitertechnol...
1N4737A SECOS-1N4737A Datasheet
149Kb / 2P
   ZENER DIODES
logo
RFE international
1N4737A RFE-1N4737A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
Vishay Siliconix
1N4737A VISHAY-1N4737A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
More results

Similar Description - 1N4737A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DL4728A ZSELEC-DL4728A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
SHIKUES Electronics
RD4.7P SKTECHNOLGY-RD4.7P Datasheet
257Kb / 1P
   1 W POWER MINI MOLD ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com