Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT240TSOCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT240TSOCT
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240TSOCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CY74FCT240TSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 8Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 9Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 10Page - Texas Instruments CY74FCT240TSOCT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CY74FCT244ATSOC
ACTIVE
SOIC
DW
20
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244ATSOCT
ACTIVE
SOIC
DW
20
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244CTQCT
ACTIVE
SSOP/
QSOP
DBQ
20
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244CTSOC
ACTIVE
SOIC
DW
20
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244CTSOCT
ACTIVE
SOIC
DW
20
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244DTQCT
ACTIVE
SSOP/
QSOP
DBQ
20
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244DTSOC
ACTIVE
SOIC
DW
20
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244DTSOCT
ACTIVE
SOIC
DW
20
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244TQCT
ACTIVE
SSOP/
QSOP
DBQ
20
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244TSOC
ACTIVE
SOIC
DW
20
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CY74FCT244TSOCT
ACTIVE
SOIC
DW
20
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 2


Similar Part No. - CY74FCT240TSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT240TSOCT TI-CY74FCT240TSOCT Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240TSOCTE4 TI-CY74FCT240TSOCTE4 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240TSOCTG4 TI-CY74FCT240TSOCTG4 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT240TSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T_07 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com