Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMCX-LP-188AU-CR1 Datasheet(PDF) 4 Page - DDK Ltd.

Part # MMCX-LP-188AU-CR1
Description  Micro-Miniature Coaxial Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

MMCX-LP-188AU-CR1 Datasheet(HTML) 4 Page - DDK Ltd.

  MMCX-LP-188AU-CR1 Datasheet HTML 1Page - DDK Ltd. MMCX-LP-188AU-CR1 Datasheet HTML 2Page - DDK Ltd. MMCX-LP-188AU-CR1 Datasheet HTML 3Page - DDK Ltd. MMCX-LP-188AU-CR1 Datasheet HTML 4Page - DDK Ltd. MMCX-LP-188AU-CR1 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
MMCX Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Straight Receptacle Connectors
P.C.B Mounting Holes
品名:MMCX−SR−PC
□3.5
□3.5
2.54
4-□0.5
3
4.45
(7.45)
2.54 0.05
5-φ0.9
+0.1
0
○Right Angle Receptacle Connectors
P.C.B Mounting Holes
MMCX-LR-PC
96920
(4.75)
6.5
4-□0.5
2.54
3.5
φ0.7
2.54 0.05
5-φ0.9
+0.1
0
P/N:MMCX-SR-PC
P/N:MMCX-LR-PC
4


Similar Part No. - MMCX-LP-188AU-CR1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-LP-178B/U HIROSE-MMCX-LP-178B/U Datasheet
188Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MMCX-LP-178B/U HIROSE-MMCX-LP-178B/U Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
More results

Similar Description - MMCX-LP-188AU-CR1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MMCX DDK-MMCX Datasheet
709Kb / 5P
   Micro-Miniature Coaxial Connectors
logo
List of Unclassifed Man...
R125414000 ETC2-R125414000 Datasheet
11Mb / 51P
   Sub-miniature coaxial connectors
logo
DDK Ltd.
Y90-LR-PC DDK-Y90-LR-PC Datasheet
210Kb / 4P
   Miniature, Low-profile Coaxial Connectors
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
   MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
   ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Times Microwave Systems...
TF-047 TIMES-TF-047 Datasheet
858Kb / 2P
   Micro-Coaxial Cable
Rev. 1: Feb. 2023
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com