Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC-50149 Datasheet(PDF) 6 Page - OPTREX CORPORATION

Part # DMC-50149
Description  LCD Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC-50149 Datasheet(HTML) 6 Page - OPTREX CORPORATION

Back Button DMC-50149 Datasheet HTML 2Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 3Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 4Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 5Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 6Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 7Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 8Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 9Page - OPTREX CORPORATION DMC-50149 Datasheet HTML 10Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DMC-50149NYU-LY-B
(AB)
No.98-0118
OPTREX CORPORATION
Page 6/16
OPTREX
2.5.Lighting Specifications
2.5.1.Absolute Maximum Ratings
Ta=25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Voltage
VR
Note 1
8.0
V
LED Power Dissipation
PD
700
mW
Note 1 : VF is defined as the voltage between ANODE and CATHODE as shown below.
2.5.2.Operating Characteristics
Ta=25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Foward Current
IF
VF=5.0V
50
80
100
mA
Luminance of
Backlight Surface
L
VF=5.0V
35
cd/㎡
VLED
VSS
R
IF
VF


Similar Part No. - DMC-50149

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC-50081ZNB-FW OPTREX-DMC-50081ZNB-FW Datasheet
186Kb / 18P
   LCD Module Specification
DMC-50097H OPTREX-DMC-50097H Datasheet
162Kb / 14P
   LCD Module Specification
DMC-50218N-B OPTREX-DMC-50218N-B Datasheet
165Kb / 15P
   LCD Module Specification
DMC-50448N OPTREX-DMC-50448N Datasheet
165Kb / 15P
   LCD Module Specification
DMC-50747NF-AK OPTREX-DMC-50747NF-AK Datasheet
102Kb / 17P
   LCD Module Technical Specification
More results

Similar Description - DMC-50149

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com