Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMF6104 Datasheet(PDF) 3 Page - OPTREX CORPORATION

Part # DMF6104
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF6104 Datasheet(HTML) 3 Page - OPTREX CORPORATION

  DMF6104 Datasheet HTML 1Page - OPTREX CORPORATION DMF6104 Datasheet HTML 2Page - OPTREX CORPORATION DMF6104 Datasheet HTML 3Page - OPTREX CORPORATION DMF6104 Datasheet HTML 4Page - OPTREX CORPORATION DMF6104 Datasheet HTML 5Page - OPTREX CORPORATION DMF6104 Datasheet HTML 6Page - OPTREX CORPORATION DMF6104 Datasheet HTML 7Page - OPTREX CORPORATION DMF6104 Datasheet HTML 8Page - OPTREX CORPORATION DMF6104 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DMF6104NF-FW
(AE)
No.97-0106
OPTREX CORPORATION
Page 3/17
OPTREX
2.Electrical Specif ications
2.1.Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
-0.3
6.0
V
Supply Voltage
(LCD Drive)
VCC-VEE
0
30.0
V
Input Voltage
VI
-0.3
VCC+0.3
V
2.2.DC Characteristics
Ta=25℃, VSS=0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
4.5
5.5
V
Supply Voltage
(LCD Drive)
VCC-VEE
Shown in 3.1
V
High Level
Input Voltage
VIH
VCC=5.0V±10%
0.8×VCC
VCC
V
Low Level
Input Voltage
VIL
VCC=5.0V±10%
0
0.2×VCC
V
High Level
Output Voltage
VOH
IOH=-0.2mA
VCC-0.4
VCC
V
Low Level
Output Voltage
VOL
IOL=0.2mA
0
0.4
V
Supply Current
ICC
VCC-VSS=5.0V
5.0
20.0
mA
IEE
VCC-VEE=13.3V
4.7
15.0
mA


Similar Part No. - DMF6104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMF6022 ETC-DMF6022 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6023 ETC-DMF6023 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6459 ETC-DMF6459 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6460 ETC-DMF6460 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6576 ETC-DMF6576 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
More results

Similar Description - DMF6104

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com