Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMC160 Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3.0SMC160
Description  6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3.0SMC160 Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3.0SMC160 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC160 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC160 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC160 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC160 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
UNI/BI-DIRECTIONAL 6.8
to 440Volts 30000W SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC SERIES
3.0SMC SERIES
3.0SMC120
3.0SMC120C
120
120C
97.2
108
132
1.0
173
17.3
5.0
3.0SMC120A 3.0SMC120CA
120A
120CA
102
114
126
1.0
165
18.2
5.0
3.0SMC130
3.0SMC130C
130
130C
105
117
143
1.0
187
16.0
5.0
3.0SMC130A 3.0SMC130CA
130A
130CA
111
124
137
1.0
179
16.8
5.0
3.0SMC150
3.0SMC150C
150
150C
121
135
165
1.0
215
14.0
5.0
3.0SMC150A 3.0SMC150CA
150A
150CA
128
143
158
1.0
207
14.5
5.0
3.0SMC160
3.0SMC160C
160
160C
130
144
176
1.0
230
13.0
5.0
3.0SMC160A 3.0SMC160CA
160A
160CA
136
152
168
1.0
219
13.7
5.0
3.0SMC170
3.0SMC170C
170
170C
138
153
187
1.0
244
12.3
5.0
3.0SMC170A 3.0SMC170CA
170A
170CA
145
162
179
1.0
234
12.8
5.0
3.0SMC180
3.0SMC180C
180
180C
146
162
198
1.0
258
11.6
5.0
3.0SMC180A 3.0SMC180CA
180A
180CA
154
171
189
1.0
246
12.2
5.0
3.0SMC200
3.0SMC200C
200
200C
162
180
220
1.0
287
10.5
5.0
3.0SMC200A 3.0SMC200CA
200A
200CA
171
190
210
1.0
274
10.9
5.0
3.0SMC220
3.0SMC220C
220
220C
175
198
242
1.0
344
8.7
5.0
3.0SMC220A 3.0SMC220CA
220A
220CA
185
209
231
1.0
328
9.1
5.0
3.0SMC250
3.0SMC250C
250
250C
202
225
275
1.0
360
8.3
5.0
3.0SMC250A 3.0SMC250CA
250A
250CA
214
237
263
1.0
344
8.7
5.0
3.0SMC300
3.0SMC300C
300
300C
243
270
330
1.0
430
7.0
5.0
3.0SMC300A 3.0SMC300CA
300A
300CA
256
285
315
1.0
414
7.2
5.0
3.0SMC350
3.0SMC350C
350
350C
284
315
385
1.0
504
6.0
5.0
3.0SMC350A 3.0SMC350CA
350A
350CA
300
333
368
1.0
482
6.2
5.0
3.0SMC400
3.0SMC400C
400
400C
324
360
440
1.0
574
5.2
5.0
3.0SMC400A 3.0SMC400CA
400A
400CA
342
380
420
1.0
548
5.5
5.0
3.0SMC440
3.0SMC440C
440
440C
356
396
484
1.0
631
4.8
5.0
3.0SMC440A 3.0SMC440CA
440A
440CA
376
418
462
1.0
600
5.0
5.0
Alldatasheet


Similar Part No. - 3.0SMC160

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3.0SMC160 SUNMATE-3.0SMC160 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC160 LEIDITECH-3.0SMC160 Datasheet
396Kb / 3P
   Surface Mount TYS
logo
DONGGUAN YOU FENG WEI E...
3.0SMC160 YFWDIODE-3.0SMC160 Datasheet
325Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 3000Watts
logo
SUNMATE electronic Co.,...
3.0SMC160A SUNMATE-3.0SMC160A Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC160A LEIDITECH-3.0SMC160A Datasheet
396Kb / 3P
   Surface Mount TYS
More results

Similar Description - 3.0SMC160

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com