Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1370CV25-167AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1370CV25-167AC
Description  512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370CV25-167AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1370CV25-167AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1370CV25-167AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CY7C1370CV25
CY7C1372CV25
Document #: 38-05235 Rev. *C
Page 9 of 27
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1370CV25/CY7C1372CV25 incorporates a serial
boundary scan Test Access Port (TAP) in the BGA package
only. The TQFP package does not offer this functionality. This
port operates in accordance with IEEE Standard 1149.1-1900,
but does not have the set of functions required for full 1149.1
compliance. These functions from the IEEE specification are
excluded because their inclusion places an added delay in the
critical speed path of the SRAM. Note that the TAP controller
functions in a manner that does not conflict with the operation
of other devices using 1149.1 fully compliant TAPs. The TAP
operates using JEDEC standard 3.3V or 2.5V I/O logic levels.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied LOW
(VSS) to prevent clocking of the device. TDI and TMS are inter-
nally pulled up and may be unconnected. They may alternately
be connected to VDD through a pull-up resistor. TDO should
be left unconnected. Upon power-up, the device will come up
in a reset state which will not interfere with the operation of the
device.
Test Access Port–Test Clock
The test clock is used only with the TAP controller. All inputs
are captured on the rising edge of TCK. All outputs are driven
from the falling edge of TCK.
Test Mode Select
The TMS input is used to give commands to the TAP controller
and is sampled on the rising edge of TCK. It is allowable to
leave this pin unconnected if the TAP is not used. The pin is
pulled up internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI pin is used to serially input information into the
registers and can be connected to the input of any of the
registers. The register between TDI and TDO is chosen by the
instruction that is loaded into the TAP instruction register. For
information on loading the instruction register, see the TAP
Controller State Diagram. TDI is internally pulled up and can
be unconnected if the TAP is unused in an application. TDI is
connected to the Most Significant Bit (MSB) on any register.
Note:
8. Table only lists a partial listing of the byte write combinations. Any combination of BW[a:d] is valid. Appropriate write will be done based on which byte write is active.
Partial Write Cycle Description[1, 2, 3, 8]
Function (CY7C1370CV25)
WE
BWd
BWc
BWb
BWa
Read
H
X
X
X
X
Write – No bytes written
L
H
H
H
H
Write Byte a – (DQa and DQPa)
L
HHH
L
Write Byte b – (DQb and DQPb)L
H
H
L
H
Write Bytes b, a
L
H
H
L
L
Write Byte c – (DQc and DQPc)L
H
L
H
H
Write Bytes c, a
L
H
L
H
L
Write Bytes c, b
L
H
LL
L
H
Write Bytes c, b, a
L
H
L
L
L
Write Byte d – (DQd and DQPd)L
L
H
H
H
Write Bytes d, a
L
L
H
H
L
Write Bytes d, b
L
LHLH
Write Bytes d, b, a
L
L
H
L
L
Write Bytes d, c
L
L
L
H
H
Write Bytes d, c, a
L
L
L
H
L
Write Bytes d, c, b
L
L
L
L
H
Write All Bytes
L
L
L
L
L
Function (CY7C1372CV25)
WE
BWb
BWa
Read
H
x
x
Write – No Bytes Written
L
H
H
Write Byte a – (DQa and DQPa)L
H
L
Write Byte b – (DQb and DQPb)L
L
H
Write Both Bytes
L
L
L


Similar Part No. - CY7C1370CV25-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370C-167AC CYPRESS-CY7C1370C-167AC Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370C-167AI CYPRESS-CY7C1370C-167AI Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370C-167BGC CYPRESS-CY7C1370C-167BGC Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370C-167BGI CYPRESS-CY7C1370C-167BGI Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370CV25-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com