Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C02A Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC24C02A
Description  2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02A Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC24C02A Datasheet HTML 6Page - E-CMOS Corporation EC24C02A Datasheet HTML 7Page - E-CMOS Corporation EC24C02A Datasheet HTML 8Page - E-CMOS Corporation EC24C02A Datasheet HTML 9Page - E-CMOS Corporation EC24C02A Datasheet HTML 10Page - E-CMOS Corporation EC24C02A Datasheet HTML 11Page - E-CMOS Corporation EC24C02A Datasheet HTML 12Page - E-CMOS Corporation EC24C02A Datasheet HTML 13Page - E-CMOS Corporation EC24C02A Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EC24C02A/04A/08A/16A
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 18
5H06N-Rev.F004
Electrical Characteristics
Absolute Maximum Stress Ratings
DC Supply Voltage -------------------------------------------------------------------------------------- -0.3V to +6.5V
Input / Output Voltage ----------------------------------------------------------------------------------- GND-0.3V to VCC+0.3V
Operating Ambient Temperature --------------------------------------------------------------------- -40°C to +85°C
Storage Temperature ------------------------------------------------------------------------------------ -65°C to +150°C
Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
Applicable over recommended operating range from: TA = -40°C to +85°C, VCC = +1.7V to +5.5V
(unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VCC
1.7
5.5
V
Supply Current VCC = 5.0V
ICC1
0.4
1.0
mA
READ at 400 kHz
Supply Current VCC = 5.0V
ICC2
2.0
3.0
mA
WRITE at 400 kHz
Standby Current
ISB
3.0
μA
VIN = VCC or GND
Input Leakage Current
ILI
3.0
μA
VIN = VCC or GND
Output Leakage Current
ILO
0.05
3.0
μA
VOUT = VCC or GND
Input Low Level
VIL1
-0.3
VCC x 0.3
V
VCC = 1.8V to 5.5V
Input High Level
VIH1
VCC x 0.7
VCC + 0.3
V
VCC = 1.8V to 5.5V
Input Low Level
VIL2
-0.3
VCC x 0.2
V
VCC = 1.7V
Input High Level
VIH2
VCC x 0.7
VCC + 0.3
V
VCC = 1.7V
Output Low Level VCC =5.0V
VOL3
0.4
V
IOL = 3.0 mA
Output Low Level VCC =3.0V
VOL2
0.4
V
IOL = 2.1 mA
Output Low Level VCC =1.7V
VOL1
0.2
V
IOL = 0.15 mA
Pin Capacitance
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +1.7V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input/Output Capacitance (SDA)
CI/O
-
-
8
pF
VI/O = 0V
Input Capacitance (A0, A1, A2, SCL)
CIN
-
-
6
pF
VIN = 0V


Similar Part No. - EC24C02A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNB2CR E-CMOS-EC24C02BNB2CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNE1CR E-CMOS-EC24C02BNE1CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNF6CR E-CMOS-EC24C02BNF6CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNM1CR E-CMOS-EC24C02BNM1CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
More results

Similar Description - EC24C02A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com