Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C02BNF6CR Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC24C02BNF6CR
Description  2Kbit I2C SERIAL EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02BNF6CR Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC24C02BNF6CR Datasheet HTML 2Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 3Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 4Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 5Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 6Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 7Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 8Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 9Page - E-CMOS Corporation EC24C02BNF6CR Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
EC24C02B
2Kbit I
2C SERIAL EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 17
5F12N-Rev. F002
3.2Start Data Transfer(B)
A high-to-low transition of the SDA line while the clock( SCL) is high determines a Start condition.
All commands must be preceded by a Start condition.
3.3 Stop Data Transfer(C)
A low-to-high transition of the SDA line while the clock(SCL) is high determines a Stop condition.
All operations must be ended with a Stop condition.
3.4
Data Valid(D)
The state of the data line represents valid data when, after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low period of the clock signal. There is one clock Pulse
per bit of data.
Each data transfer is initiated with a Start condition and terminated with a Stop condition.
The number of data bytes transferred between Start and Stop conditions is determined by the master
device and is, theoretically, unlimited (although only the last sixteen will be stored when doing a
write operation). When an overwrite does occur, it will replace data in a first-in first-out (FIFO) fashion.
3.5
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception
ofeach byte.The master device must generate an extra clock pulse which is associated with this Acknowledge
bit.
Note: The EC24C02B does not generate any Acknowledge bits
if
an
internal
programming
cycle
is
in progress.
The device that acknowledges has to pull down the SDA line during the acknowledage clock pulse in such a way
that the SDA line is stable low during the high period of the acknowledge related clock pulse.
Of course, setup and hold times must be taken into account. During reads, a master must signal an end
of data to the slave by not generating an Acknowledge bit on the last byte that has been clocked out of the slave.
In this case, the slave (EC24C02B) will leave the data line high to enable the master to generate the Stop
condition.


Similar Part No. - EC24C02BNF6CR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24C02BNF6CR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
   SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
AK93C41A AKM-AK93C41A Datasheet
123Kb / 12P
   0.9V operation 1K / 2Kbit Serial CMOS EEPROM
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W Datasheet
279Kb / 6P
   Based on Serial Presence Detect 2Kbit(256X8bit) Serial EEPROM
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com