Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C02BNE1CR Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC24C02BNE1CR
Description  2Kbit I2C SERIAL EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02BNE1CR Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC24C02BNE1CR Datasheet HTML 7Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 8Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 9Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 10Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 11Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 12Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 13Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 14Page - E-CMOS Corporation EC24C02BNE1CR Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EC24C02B
2Kbit I
2C SERIAL EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 17
5F12N-Rev. F002
7.3 Sequential Read
Sequential reads are initiated in the same way as a random read, except that once the EC24C02B transmits
the first data byte, the master issues an acknowledge as opposed to a Stop condition in a random read.
This directs the EC24C02B to transmit the next sequentially-addressed 8-bit word (Figure 7-3).
To provide sequential reads, the EC24C02B contains an internal Address Pointer that is incremented by one upon
completion of each operation. This Address Pointer allows the entire memory contents to be serially read
during one operation.
7.4 Noise Protection
The EC24C02B employs a Vcc threshold detector circuit which disables the internal erase/write logic if the Vcc is
below 1.5V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and filter circuits which suppress noise spikes to assure proper
device operation, even on a noisy bus.
FIGURE 7-1: CURRENT ADDRESS READ
FIGURE 7-2 RANDOM READ
FIGURE 7-3:SEQUENTIAL READ


Similar Part No. - EC24C02BNE1CR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24C02BNE1CR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
   SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
AK93C41A AKM-AK93C41A Datasheet
123Kb / 12P
   0.9V operation 1K / 2Kbit Serial CMOS EEPROM
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W Datasheet
279Kb / 6P
   Based on Serial Presence Detect 2Kbit(256X8bit) Serial EEPROM
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com