Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C64CM1GT Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC24C64CM1GT
Description  64K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64CM1GT Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC24C64CM1GT Datasheet HTML 1Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 2Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 3Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 4Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 5Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 6Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 7Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 8Page - E-CMOS Corporation EC24C64CM1GT Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 17
5C26N-Rev.F001
Pin No.
Pin Name
I/O
Definition
1
A0
I
Device Address Input
2
A1
I
Device Address Input
3
A2
I
Device Address Input
4
GND
-
Ground
5
SDA
I/O
Serial Address and Data input and Data out put
6
SCL
I
Serial Clock Input
7
WP
I
Write Protect Input
8
VCC
-
Power Supply
Pin Configuration
(SOP 8L / TSSOP 8L / MSOP 8L)
(DFN 8L)
Pin Definition
Pin Descriptions
SCL
This input clock pin is used to synchronize the data transfer to and from the device.
SDA
The SDA is a bi-directional pin used to transfer addresses and data into and out of the device. The SDA pin is
an open drain output and can be wired with other open drain or open collector outputs. However, the SDA pin
requires a pull-up resistor connected to the power supply.
A0, A1, A2
The A0, A1 and A2 are the device address inputs. Typically, the A0, A1, and A2 pins are for hardware
addressing and a total of 8 devices can be connected on a single bus system. When A0, A1, and A2 are left
floating, the inputs are defaulted to zero.
WP
WP is the Write Protect pin. While the WP pin is connected to the power supply of EC24C64C, the entire array
becomes Write Protected (i.e. the device becomes Read only). When WP is tied to Ground or left floating, the
normal write operations are allowed.
VCC
Supply voltage
GND
Ground of supply voltage


Similar Part No. - EC24C64CM1GT

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BN E-CMOS-EC24C64BN Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GR E-CMOS-EC24C64BNF2GR Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GT E-CMOS-EC24C64BNF2GT Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results

Similar Description - EC24C64CM1GT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
E-CMOS Corporation
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com