Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24CXXANF2GX Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC24CXXANF2GX
Description  2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24CXXANF2GX Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC24CXXANF2GX Datasheet HTML 2Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 3Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 4Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 5Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 6Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 7Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 8Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 9Page - E-CMOS Corporation EC24CXXANF2GX Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
EC24C02A/04A/08A/16A
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 18
5H06N-Rev.F004
Figure 3: Output Acknowledge
Device Addressing
The 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word following a start condition
to enable the chip for a read or write operation (see to Figure 4).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as
shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These 3 bits must compare to
their corresponding hard-wired input pins.
The 4K EEPROM uses the A2 and A1 device address bits with the third bit being a memory page address bit.
The two device address bits must compare to their corresponding hard-wired input pins. The A0 (P0) pin is no
connection.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing.
The A2 bit must compare to its corresponding hard-wired input pin. The A1 (P1) and A0 (P0) pins are no
connections.
The 16K does not use any device address bits but instead the 3 bits are used for memory page addressing.
These page addressing bits on the 4K, 8K and 16K devices should be considered the most significant bits of
the data word address which follows. The A0 (P0), A1 (P1) and A2 (P2) pins are no connections.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit
is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip will
return to a standby state.
DATA SECURITY: The EC24C02A/04A/08A/16A has a hardware data protection scheme that allows the user
to write protect the entire memory when the WP pin is at VCC.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock in
the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0" and the
addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this
time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled


Similar Part No. - EC24CXXANF2GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24CXXANE1GX E-CMOS-EC24CXXANE1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANM1GX E-CMOS-EC24CXXANM1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANP1GX E-CMOS-EC24CXXANP1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANR1GX E-CMOS-EC24CXXANR1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24CXXANF2GX

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com