Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C64CE1GT Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC24C64CE1GT
Description  64K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64CE1GT Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC24C64CE1GT Datasheet HTML 1Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 2Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 3Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 4Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 5Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 6Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 7Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 8Page - E-CMOS Corporation EC24C64CE1GT Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 17
5C26N-Rev.F001
General Description
The EC24C64C is an industrial standard
electrically erasable programmable read
only memory (EEPROM) device that utilizes the
industrial
standard
2-wire
interface
for
communications. The EC24C64C contains
a
memory array of 64K bits (8,192x8), which
is
organized
in
32-byte per page.
The EEPROM operates in a wide voltage range
from 1.7V to 5.5V, which fits most
application.
The
product
provides low-power operations
and low standby current. The device
is offered in Lead-free, RoHS, halogen free or
Green package. The available package types
are
8-pin SOP, TSSOP, DFN, MSOP.
The EC24C64C is compatible to the standard
2-
wire bus protocol. The simple bus consists of
Serial
Clock
(SCL)
and
Serial Data
(SDA)
signals. Utilizing such bus protocol, a Master
device, such as a microcontroller, can usually
control one or more Slave devices, alike this
EC24C64C.
The bit stream over the SDA line includes a series
of bytes, which identifies a particular Slave device,
an instruction, an address within that Slave
device, and a series of data, if appropriate. The
EC24C64C also has a Write Protect
Function via WP pin to cease
from
overwriting
the
data stored inside the memory array.
In order to refrain
the
state
machine
from
entering
into
a wrong
state
during
power-up
sequence
or
a
power
toggle off-on condition, a
power
on
reset
circuit
is
embedded. During
power-up, the device
does not respond to
any instructions
until
the
supply
voltage
(VCC)
has
reached
an acceptable
stable
level
above
the
reset
threshold
voltage.
Once VCC passes the power on reset threshold, the device
is reset and enters into the Standby mode. This would also
avoid any inadvertent
Write
operations
during
power-
up stage. During power-down
process,
the
device
will
enter into standby mode, once
VCC
drops
below
the
power
on reset
threshold
voltage.
In
addition,
the
device
will
be
in standby mode after receiving the
Stop command, provided that no internal write operation is
in progress. Nevertheless, it is illegal to send a command
unless the
VCC is within its operating level.
This product offers an additional page (Identification Page)
of 32 bytes. The Identification Page can be used to
store
sensitive application parameters which can be (later)
permanently locked in Read-only mode.
Features
● Two-Wire Serial Interface, I
2CTM Compatible
– Bi-directional data transfer protocol
● Wide-voltage Operation
– VCC = 1.7V to 5.5V
● Speed: 400 KHz (1.7V) and 1 MHz (2.5V~5.5V)
uA, 1.7V
● Operating current (max.): 0.8mA, 5.5V
● Hardware Data Protection
– Write Protect Pin
● Sequential & Random Read Features
● Memory organization: 8,192 x 8 bits
● Page Size: 32 bytes
● Page write mode
– partial page writes allowed
● Addition write lockable page(identification page)
● Self timed write cycle: 5ms (max.)
● Noise immunity on inputs, besides Schmitt trigger
● High-reliability
– Endurance: 1 million cycles
– Data retention: 100 years
● Industrial temperature grades
● Packages: SOP,TSSOP,MSOP,DFN
● Lead-free, RoHS, Halogen free, Green


Similar Part No. - EC24C64CE1GT

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BN E-CMOS-EC24C64BN Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GR E-CMOS-EC24C64BNF2GR Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GT E-CMOS-EC24C64BNF2GT Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results

Similar Description - EC24C64CE1GT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
E-CMOS Corporation
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com