Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24CXXXAM1GX Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC24CXXXAM1GX
Description  128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24CXXXAM1GX Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC24CXXXAM1GX Datasheet HTML 4Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 5Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 6Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 7Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 8Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 9Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 10Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 11Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EC24C128A/256A
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 16
3I23N-Rev.F002
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit
in the device address word is set to "1". There are three read operations: current address read, random
address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed
during the last read or write operation, increased by one.
This address stays valid between operations as long as the chip power is maintained. The address "roll over"
during read is from the last byte of the last memory page to the first byte of the first page. The address "roll
over" during write is from the last byte of the current page to the first byte of the same page.
Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by the
EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an
input "0" but does generate a following stop condition (see to Figure 7).
RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address.
Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current address read
by sending a device address with the read/write select bit high. The EEPROM acknowledges the device
address and serially clocks out the data word. The microcontroller does not respond with a "0" but does
generate a following stop condition (see to Figure 8).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address
read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the
EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out
sequential data words. When the memory address limit is reached, the data word address will "roll over" and
the sequential read will continue. The sequential read operation is terminated when the microcontroller does
not respond with a "0" but does generate a following stop condition (see to Figure 9).


Similar Part No. - EC24CXXXAM1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24CXXANB2GX E-CMOS-EC24CXXANB2GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANE1GX E-CMOS-EC24CXXANE1GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANE1GX E-CMOS-EC24CXXANE1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANF2GX E-CMOS-EC24CXXANF2GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANM1GX E-CMOS-EC24CXXANM1GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24CXXXAM1GX

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com