Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C128BE1GR Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC24C128BE1GR
Description  128K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C128BE1GR Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC24C128BE1GR Datasheet HTML 1Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 2Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 3Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 4Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 5Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 6Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 7Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 8Page - E-CMOS Corporation EC24C128BE1GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
EC24C128B
128K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 17
5C27N-Rev.F001
Write Operation
Byte Write
In the Byte Write mode, the Master device sends the
Start condition and the Slave address information (with
the R/W set to Zero) to the Slave device. After the Slave
generates an ACK, the Master sends the byte address
that is to be written into the address pointer of the
EC24C128B. After receiving another ACK from the
Slave, the Master device transmits the data byte to be
written
into
the
address
memory
location.
The
EC24C128B acknowledges once more and the Master
generates the Stop condition, at which time the device
begins its internal programming cycle. While this internal
cycle is in progress, the device will not respond to any
request from the Master device.
Page Write
The EC24C128B is capable of 128-byte Page-Write
operation. A Page-Write is initiated in the same manner
as a Byte Write, but instead of terminating the internal
Write cycle after the first data word is transferred, the
Master device can transmit up to 63 more bytes. After
the receipt of each data word, the EEPROM responds
immediately with an ACK on SDA line, and the seven
lower order data word address bits are internally
incremented by one, while the higher order bits of the
data word address remain constant. If a byte address is
incremented from the last byte of a page, it returns to the
first byte of that page. If the Master device should
transmit more than 64 bytes prior to issuing the Stop
condition, the address counter will “roll over,” and the
previously written data will be overwritten. Once all 64
bytes are received and the Stop condition has been sent
by the Master, the internal programming cycle begins. At
this point, all received data is written to the EC24C128B
in a single Write cycle. All inputs are disabled until
completion of the internal Write cycle.
Acknowledge (ACK) Polling
The disabling of the inputs can be used to take
advantage of the typical Write cycle time. Once the Stop
condition is issued to indicate the end of the host's Write
operation, the EC24C128B initiates the internal Write
cycle. ACK polling can be initiated immediately.
This involves issuing the Start condition followed by the
Slave address for a Write operation. If the EEPROM is
still busy with the Write operation, no ACK will be
returned. If the EC24C128B has completed the Write
operation, an ACK will be returned and the host can then
proceed with the next Read or Write operation.
Write Identification Page
The Identification Page(64 bytes) is an additional
page
which can be written and (later) permanently locked in
Read-only mode. It is written by issuing
the Write
Identification Page instruction. This instruction uses the
same protocol and format as Page Write (into memory
array), except for the following differences:
● Device type identifier=1011b
● MSB
address
bits
A16/A9
are
don’t
care
except
for address
bit
A10
which
must
be
‘0’.
LSB
address
bits A7/A0 define the byte
address inside the Identification page.
If the Identification page is locked, the data bytes
transferred during the Write Identification Page
instruction are not acknowledged (NoACK).
Lock Identification Page
The Lock Identification Page instruction (Lock ID)
permanently locks the Identification page In Read-only
mode. The lock ID instruction is similar to Byte Write (into
memory array) with the following specific condition:
● Device type identifier=1011b
Address bit A10 must be ‘1’; all other address bits are
don’t care
● The data byte must be equal to the binary value xxxx
xx1x, where x is don’t care


Similar Part No. - EC24C128BE1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24C128BE1GR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
LE24LB1283 SANYO-LE24LB1283 Datasheet
132Kb / 14P
   Two Wire Serial Interface EEPROM (128k EEPROM)
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Renesas Technology Corp
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_13 Datasheet
508Kb / 18P
   Two-wire serial interface 128k EEPROM
logo
E-CMOS Corporation
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
   MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
   MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
   MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com