Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C128BR1GT Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC24C128BR1GT
Description  128K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C128BR1GT Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC24C128BR1GT Datasheet HTML 1Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 2Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 3Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 4Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 5Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 6Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 7Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 8Page - E-CMOS Corporation EC24C128BR1GT Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EC24C128B
128K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 17
5C27N-Rev.F001
Ordering Information & Marking Information
EC24C 128B XX X X
Functional Block Diagram
Device Function
128=128Kbit
(16,384×8)
R:Tape & Reel
T:Tube
G:Green
M1:SOP 8L
E1:TSSOP 8L
R1:MSOP 8L
F2:DFN 8L


Similar Part No. - EC24C128BR1GT

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24C128BR1GT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
LE24LB1283 SANYO-LE24LB1283 Datasheet
132Kb / 14P
   Two Wire Serial Interface EEPROM (128k EEPROM)
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Renesas Technology Corp
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_13 Datasheet
508Kb / 18P
   Two-wire serial interface 128k EEPROM
logo
E-CMOS Corporation
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
   MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
   MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
   MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com