Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC25C32NM1GR Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC25C32NM1GR
Description  32Kbits SPI Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C32NM1GR Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC25C32NM1GR Datasheet HTML 1Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 2Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 3Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 4Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 5Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 6Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 7Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 8Page - E-CMOS Corporation EC25C32NM1GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 16
5F09N-Rev.F001
EC25C32
32Kbits SPI Serial EEPROM
Device Operation
Status Register
The Status Register accessible by the user consists of 8-bits data for write protection control and write status.
It Hardware Write Protection is enabled or WEN is set to 0. If neither is true, it can be modified by a valid
instruction.
Table 1: Status Register
Note: During internal write cycles, bits 0 to 7 are temporarily 1's.
Table 2: Block Protection by BP0 and BP1
Bit
Symbol
Name
Description
0
RDY
Ready
When RDY = 0, device is ready for an instruction.
When RDY = 1, device is busy.
As busy, device only accepts Read Status Register command.
1
WEN
Write Enable
This represents the write protection status of the device.
When WEN = 0, Status Register and entire array cannot be modified, regardless
the setting of WPEN,WP pin or block protection.
Write Enable command (WREN) can be used to set WEN to 1.
Upon power-up stage, WEN is reset to 0.
2
BP0
Block Protect Bit
Despite of the status on WPEN, WP or WEN, BP0 and BP1 configure any
combinations of the four blocks being protected (Table2).
They are non-volatile memory and programmed to 0 by factory.
3
BP1
Block Protect Bit
4
X
Don’t Care
Values can be either 0 or 1, but are not retained. Mostly always 0, except during
write operation.
5
X
Don’t Care
6
X
Don’t Care
7
WPEN
Write Protect Enable
This bit can be utilized to enable Hardware Write Protection, together with
WP
pin. If enabled, Status Register becomes read-only. However, the memory
array is not protected by this mode. Hardware Write Protection requires the
setting of WP = 0 and WPEN = 1. Otherwise, it is disabled.
WPEN cannot be altered from 1 to 0 if WP is already set to Low. (Table 4 for
write protection)
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
0
0
0
None
1 (1/4)
0
1
0C00h-0FFFh
2 (1/2)
1
0
0800h-0FFFh
3 (All)
1
1
0000h-0FFFh


Similar Part No. - EC25C32NM1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC25C256 E-CMOS-EC25C256 Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NE1GR E-CMOS-EC25C256NE1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NF2GR E-CMOS-EC25C256NF2GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NM1GR E-CMOS-EC25C256NM1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C64 E-CMOS-EC25C64 Datasheet
827Kb / 16P
   64Kbits SPI Serial EEPROM
More results

Similar Description - EC25C32NM1GR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com