Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC25C64 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC25C64
Description  64Kbits SPI Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C64 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC25C64 Datasheet HTML 2Page - E-CMOS Corporation EC25C64 Datasheet HTML 3Page - E-CMOS Corporation EC25C64 Datasheet HTML 4Page - E-CMOS Corporation EC25C64 Datasheet HTML 5Page - E-CMOS Corporation EC25C64 Datasheet HTML 6Page - E-CMOS Corporation EC25C64 Datasheet HTML 7Page - E-CMOS Corporation EC25C64 Datasheet HTML 8Page - E-CMOS Corporation EC25C64 Datasheet HTML 9Page - E-CMOS Corporation EC25C64 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 16
5B11N-Rev.F001
EC25C64
64Kbits SPI Serial EEPROM
Op-Code Instructions
The operations of the EC25C64 are controlled by a set of instruction Op-Codes (Table3) that are clocked-in
serially via SI pin. To initiate an instruction, the chip select(CS) must be Low. Subsequently, each Low-to-High
transition of the clock (SCK) will latch a stable level from SI. After the 8-bit Op-Code, it may continue to latch-in
an address and/or data output, data are latched out at the falling edge of SCK. All communications start with
MSB first. Upon the transmission of the last bit but prior to any following Low-to-High transition on SCK, CS
must be brought to High in order to end the transaction and start the operation. The device will enter into
Standby Mode after the operation is completed. data from SI accordingly, or to output data from SO. During
data output, data are latched out at the falling edge of SCK. All communications start with MSB first. Upon
the transmission of the last bit but prior to any following Low-to-High transition on SCK, CS must be brought
to High in order to end the transaction and start the operation. The device will enter into Standby Mode after the
operation is completed.
Table3: Instruction Op-Codes[1,2,3]
Notes:
[1] X =
Don’t care bit. However, it is recommended to be “0”.
[2]Some address bits may be don’t care (Table 5).
[3] It is strongly recommended that an appropriate format of Op-Code must be entered. Otherwise, it maycause
unexpected phenomenon to be occurred. Nevertheless, it is illegal to input invalid any Op-Code.
Write Enable
When VCC is initially applied ,the device powers up with both status register and entire array in a write-
disabled state. Upon completion of Write Disable(WRDI),Write Status Register(WRSR) or Write Data to Array
(WRITE), the device resets the WEN bit in the Status Register to 0. Prior to any data modification, a Write
Enable (WREN) instruction is necessary to set WEN to 1 (Figure.2).
Write Disable
The device can be completely protected from modification by resetting WEN to 0 through the Write Disable
(WRDI) instruction (Figure.3).
Read Status Register
The Read Status(RDSR) instruction reviews the status of Write Protect Enable, Block Protection setting
(Table 2), Write Enable state and RDY status. RDSR is the only instruction
accepted
when
a
write
cycle is under way. It is recommended that the status of Write Enable and RDY be checked, especially prior
to an attempted modification of data. These 8 bits information can be repeatedly output on SO after the initial
Op-Code (Figure.4)
.
Name
Op-Code
Operation
Address
Data (SI)
Data (SO)
WREN
0000 X110
Set Write Enable Latch
-
-
-
WRDI
0000 X100
Reset Write Enable Latch
-
-
-
RDSR
0000 X101
Read Status Register
-
-
D7-D0 -
WRSR
0000 X001
Write Status Register
-
D7-D0
-
READ
0000 X011
Read Data from Array
A15-A0
-
D7-D0, ...
WRITE
0000 X010
Write Data to Array
A15-A0
D7-D0, ...
-


Similar Part No. - EC25C64

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC25C256 E-CMOS-EC25C256 Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NE1GR E-CMOS-EC25C256NE1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NF2GR E-CMOS-EC25C256NF2GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NM1GR E-CMOS-EC25C256NM1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C32 E-CMOS-EC25C32 Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
More results

Similar Description - EC25C64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com