Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC25C256 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC25C256
Description  256Kbits SPI Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C256 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC25C256 Datasheet HTML 1Page - E-CMOS Corporation EC25C256 Datasheet HTML 2Page - E-CMOS Corporation EC25C256 Datasheet HTML 3Page - E-CMOS Corporation EC25C256 Datasheet HTML 4Page - E-CMOS Corporation EC25C256 Datasheet HTML 5Page - E-CMOS Corporation EC25C256 Datasheet HTML 6Page - E-CMOS Corporation EC25C256 Datasheet HTML 7Page - E-CMOS Corporation EC25C256 Datasheet HTML 8Page - E-CMOS Corporation EC25C256 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 18
4J09N-Rev.F001
EC25C256
256Kbits SPI Serial EEPROM
General Description
The
EC25C256
is
an
industrial
standard
electrically erasable programmable read only
memory
(EEPROM)
Product
that
utilizes
standard Serial Peripheral Interface (SPI) for
communications.
The
EC25C256
contains
a
memory array of 256K bits (32,768x 8), which is
organized in 64 bytes per page.
This EEPROM operates in a wide voltage range
from 1.7V to 5.5V,which fits most application.
The device
provides low-power operations and
low standby current. The product is offered in
Lead-free, RoHS, halogen free or Green package.
The available package types are 8-pin SOP,
TSSOP and UDFN.
The functionalities of the EC25C256 are optimized
for
most
applications,
such
as
consumer
electronics,
wireless,
telecommunication,
industrial, medical ,instrumentation, commercial
and others, where low-power and
low-voltage
Are vital. This product has a compatible SPI
interface: Chip-Select ( CS ), Serial Data In (SI),
Serial Data Out (SO) and Serial Clock (SCK)
for
high-speed communication. Furthermore,
a Hold feature via HOLD pin
allows the device
entering
into
a
suspended
state
whenever
necessary
and
resuming
the
communication
without re-initializing the serial sequence. A
Status
Register
facilitates
a
flexible
write
protection
mechanism
and
device
Status
monitoring.
The EC25C256 also offers an additional page, named the
Identification Page(64 bytes)
which
can be written and
(later) permanently locked
in
Read-only mode. This
Identification Page offers
flexibility in the application
board production line, as the Identification Page can be
used to store unique
identification parameters
and/or parameters specific to the production line.
In order to refrain the state machine from entering into a
Wrong state during power-up sequence or a power
toggle off-on condition, a power on reset circuit is
implemented. During power-up, the device does not
respond to any instructions until the supply voltage
(VCC)has reached an acceptable stable level above the
reset threshold voltage. Once VCC passes the power on
reset threshold, the device is reset and enters into
Standby mode. This should also avoid any inadvertent
Write operations during power-up stage. During power-
down process, the device will enter into standby mode,
once VCC drops below the power on reset threshold
voltage. In addition, the device will be in standby mode
after receiving the Stop command, provided that no
internal write operation is in progress. Nevertheless,
it is illegal to send a command unless the VCC is within its
operating level.


Similar Part No. - EC25C256

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC25C32 E-CMOS-EC25C32 Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
EC25C32NE1GR E-CMOS-EC25C32NE1GR Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
EC25C32NF2GR E-CMOS-EC25C32NF2GR Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
EC25C32NM1GR E-CMOS-EC25C32NM1GR Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
EC25C64 E-CMOS-EC25C64 Datasheet
827Kb / 16P
   64Kbits SPI Serial EEPROM
More results

Similar Description - EC25C256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com