Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5602R-G Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC5602R-G
Description  High Slew Rate Rail-to-Rail Dual Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5602R-G Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC5602R-G Datasheet HTML 3Page - E-CMOS Corporation EC5602R-G Datasheet HTML 4Page - E-CMOS Corporation EC5602R-G Datasheet HTML 5Page - E-CMOS Corporation EC5602R-G Datasheet HTML 6Page - E-CMOS Corporation EC5602R-G Datasheet HTML 7Page - E-CMOS Corporation EC5602R-G Datasheet HTML 8Page - E-CMOS Corporation EC5602R-G Datasheet HTML 9Page - E-CMOS Corporation EC5602R-G Datasheet HTML 10Page - E-CMOS Corporation EC5602R-G Datasheet HTML 11Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EC5602
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 12
6A27N Rev. F002
1
Applications Information
Product Description
The EC5602 rail-to-rail dual channels amplifier is built on an advanced high voltage CMOS process.
It’s beyond rails
input capability and full swing of output range makes itself an ideal amplifier for use in a wide range of general-purpose
applications. The features of 20V/µS high slew rate, fast settling time, -3dB bandwidth of 12MHz as well as high output
driving capability have proven the EC5602 a good voltage reference buffer in TFT-LCD for grayscale reference
applications. High phase margin and extremely low power consumption (500µA per amplifier) make the EC5602 ideal
for Connected in voltage follower mode for low power high drive applications
Supply Voltage, Input Range and Output Swing
The EC5602 can be operated with a single nominal wide supply voltage ranging from 4.5V to 18V with stable
performance over operating temperatures of -40 °C to +85 °C.
With 500mV greater than rail-to-rail input common mode voltage range and 70dB of Common Mode Rejection Ratio,
the EC5602 allows a wide range sensing among many applications without having any concerns over exceeding the
range and no compromise in accuracy. The output swings of the EC5602 typically extend to within 80mV of positive
and negative supply rails with load currents of 5mA. The output voltage swing can be even closer to the supply rails by
merely decreasing the load current. Figure 1 shows the input and output waveforms for the device in the unity-gain
configuration. The amplifier is operated under ±
-p
sinusoid. An approximately 9.985 Vp-p of output voltage swing can be easily achieved.
Figure 1. Operation with Rail-to-Rail Input and Output
Output Short Circuit Current Limit
A +/-120mA short circuit current will be limited by the EC5602 if the output is directly shorted to the positive or the
negative supply. For an indefinitely output short circuit, the power dissipation could easily increase such that the device
may be damaged. The internal metal interconnections are well designed to prevent the output continuous current from
exceeding +/-30 mA such that the maximum reliability can be well maintained.


Similar Part No. - EC5602R-G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601B2-G E-CMOS-EC5601B2-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601B3-G E-CMOS-EC5601B3-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601I-G E-CMOS-EC5601I-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601T2-G E-CMOS-EC5601T2-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
More results

Similar Description - EC5602R-G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com